Electronic Components Datasheet Search
  English  ▼

X  

UPD16803 Datasheet(PDF) 6 Page - NEC

Part # UPD16803
Description  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16803 Datasheet(HTML) 6 Page - NEC

Back Button UPD16803 Datasheet HTML 2Page - NEC UPD16803 Datasheet HTML 3Page - NEC UPD16803 Datasheet HTML 4Page - NEC UPD16803 Datasheet HTML 5Page - NEC UPD16803 Datasheet HTML 6Page - NEC UPD16803 Datasheet HTML 7Page - NEC UPD16803 Datasheet HTML 8Page - NEC UPD16803 Datasheet HTML 9Page - NEC UPD16803 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
µPD16803
6
CHARACTERISTIC CURVES
RON vs. VDD (= VM) Characteristics
RON vs. VM Characteristics
RM = 20
Ω
3
2
1
0
0
10
11
12
13
14
1
2
3
4
5
6
7
8
4.0
5.0
6.0
Supply voltage VDD (= VM) (V)
Supply voltage VDD (= VM) (V)
Operation junction temperature Tj (˚C)
RX pin connection resistance RX (k
Ω)
RM = 60
Ω
VDD = 4.5 V
VDD = 5.0 V
VDD = 5.5 V
Motor voltage VM (V)
RON vs. Tj Characteristics
VX vs. VDD (= VM) Characteristics
VX vs. RX Characteristics
3
2
1
0
25
50
75
100
125
150
VDD = VM = 5.0 V
RM = 20
Ω
RX = 50 k
Ω
RM = 20
Ω
VDD = VM = 5 V
RM = 20
Ω
VX : Note 5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
40
60
80
100
120
140
160
3.0
2.5
2.0
4.0
5.0
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com