Electronic Components Datasheet Search
  English  ▼

X  

UCC3305N Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3305N
Description  HID Lamp Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3305N Datasheet(HTML) 2 Page - Texas Instruments

  UCC3305N Datasheet HTML 1Page - Texas Instruments UCC3305N Datasheet HTML 2Page - Texas Instruments UCC3305N Datasheet HTML 3Page - Texas Instruments UCC3305N Datasheet HTML 4Page - Texas Instruments UCC3305N Datasheet HTML 5Page - Texas Instruments UCC3305N Datasheet HTML 6Page - Texas Instruments UCC3305N Datasheet HTML 7Page - Texas Instruments UCC3305N Datasheet HTML 8Page - Texas Instruments UCC3305N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
UCC2305
UCC3305
ABSOLUTE MAXIMUM RATINGS
VCC Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8.0V
BOOST Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 12.0V
PWMOUT Current, Peak
............................±1.0A
PWMOUT Energy, Capacitive Load . . . . . . . . . . . . . . . . . 5.0
µJ
Input Voltage, Any Input. . . . . . . . . . . . . . . . . . –0.3V to +10.0V
Output Current, QOUT, QOUT, FLT . . . . . . . . . . . . . .
±10.0mA
Output Current, 5VREF, LPOWER, COMP . . . . . . . . .
±10.0mA
ISET Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –1.0mA
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . .
−55°C to +150°C
Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300
°C
CONNECTION DIAGRAM
ELECTRICAL CHARACTERISTICS Unless otherwise stated, VCC = 6.6V, ISET = 100k
Ω to GND, ADJ = 100kΩ to GND,
OSC = 200pF to GND, BAT = 4V, LOADISENSE connected to LPOWER, VOUTSENSE = 0.666V, BOOST = 10.5V, COMP
connected to FB through a 100k
Ω resistor, –40°C<TA<+105°C for the UCC2305, 0°C<TA<+70°C for the UCC3305, and TA=TJ.
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX. UNITS
Overall Section
VCC Supply Current
0.1
1.0
mA
BOOST Supply Current
3.0
5.0
mA
BOOST Threshold to PUMP Stop
9.1
9.6
10.2
V
BOOST Threshold to PUMP Start
9.2
9.7
10.3
V
BOOST Threshold to PWMOUT
4.7
5.4
6.1
V
Battery Section
BAT Threshold to PWMOUT Stop
4.7
5.0
5.3
V
BAT Threshold to PWMOUT Start
4.15
4.8
5.0
V
BAT Input Current
BAT = 4V
–1
1
µA
Oscillator & Divider Section
OSC Frequency
80
100
120
kHz
OSC Pull-Up Current
OSC = 1.5V
−70
−50
−40
µA
DIVPAUSE Threshold to Pause
1.1
1.5
1.9
V
DIVPAUSE Threshold to Divide
0.8
1.2
1.6
V
DIVPAUSE Input Current
0V < DIVPAUSE < 6V
–8
–5
–1
µA
Reference Section
5VREF Voltage
4.85
5.0
5.1
V
ISET Voltage
4.8
4.8
5.2
V
Error Amplifier Section
FB Voltage
2.4
2.5
2.6
V
FB Input Current
–1
0
1
µA
FB Sink Current
VOUTSENSE = 4V, FB = 4V
0.3
1.5
mA
FB Release Delay
VOUTSENSE Step from 4V to 1V
15
30
43
ms
COMP Source Current
FB = 2V, COMP = 4V
–3.0
–0.2
mA
COMP Sink Current
FB = 3V, COMP = 1V
0.2
1.0
mA
PDIP-28 or SOIC-28 (Top View)
N or DW Package



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com