Electronic Components Datasheet Search
  English  ▼

X  

TPS79401DCQ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79401DCQ
Description  ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79401DCQ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79401DCQ Datasheet HTML 2Page - Texas Instruments TPS79401DCQ Datasheet HTML 3Page - Texas Instruments TPS79401DCQ Datasheet HTML 4Page - Texas Instruments TPS79401DCQ Datasheet HTML 5Page - Texas Instruments TPS79401DCQ Datasheet HTML 6Page - Texas Instruments TPS79401DCQ Datasheet HTML 7Page - Texas Instruments TPS79401DCQ Datasheet HTML 8Page - Texas Instruments TPS79401DCQ Datasheet HTML 9Page - Texas Instruments TPS79401DCQ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
150
155
160
165
170
175
180
185
190
IOUT = 1 mA
VIN = 3.8 V,
COUT = 10 µF
TJ (°C)
IOUT = 250 mA
−40 −25 −10 5
20 35 50 65 80 95 110 125
3.250
3.255
3.260
3.265
3.270
3.275
3.280
3.285
3.290
0
50
100
200
250
IOUT (mA)
2.765
2.770
2.775
2.780
2.785
2.790
2.800
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
2.795
IOUT = 1 mA
IOUT = 200 mA
VIN = 3.8 V
COUT = 10 µF
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
IOUT = 250 mA
IOUT = 1 mA
COUT = 10 µF,
CNR = 0.1 µF,
VIN = 3.8 V
Frequency (Hz)
100
1000
10000
100000
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
IOUT = 250 mA
IOUT = 1 mA
COUT = 2.2 µF,
CNR = 0.1 µF,
VIN = 3.8 V
Frequency (Hz)
100
1000
10000
100000
0
0.2
0.4
0.6
0.8
1.2
1.4
1.6
100
1000
10000
100000
COUT = 10 µF,
IOUT = 250 mA
VIN = 3.8 V
Frequency (Hz)
CNR = 0.1 µF
CNR = 0.01 µF
CNR = 0.0047 µF
CNR = 0.001 µF
1.0
1.8
0
10
20
30
40
50
60
0.001
0.0047
0.1
CNR (µF)
0.01
IOUT = 250 mA,
COUT = 10 µF
0
50
100
150
200
250
TJ (°C)
−40 −25 −10 5
20 35 50 65 80 95 110 125
IOUT = 1 mA
IOUT = 250 mA
VIN = 3.8 V,
COUT = 10 µF
0.100
0.020
10
100
1 k
10 k
1
10
100 k
1 M
10 M
IOUT = 1 mA
IOUT = 250 mA
VIN = 4.3 V,
COUT = 10 µF,
Frequency (Hz)
TPS79401, TPS79418
TPS79425, TPS79428
TPS79430, TPS79433
SLVS349D – NOVEMBER 2001 – REVISED OCTOBER 2004
TPS79433 OUTPUT VOLTAGE
TPS79428 OUTPUT VOLTAGE
TPS79428 GROUND CURRENT
vs
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 2.
Figure 3.
Figure 4.
TPS79428 OUTPUT SPECTRAL
TPS79428 OUTPUT SPECTRAL
TPS79428 OUTPUT SPECTRAL
NOISE DENSITY
NOISE DENSITY
NOISE DENSITY
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 5.
Figure 6.
Figure 7.
TPS79428 ROOT MEAN SQUARED
OUTPUT NOISE
TPS79433 OUTPUT IMPEDANCE
TPS79428 DROPOUT VOLTAGE
vs
vs
vs
CNR
FREQUENCY
JUNCTION TEMPERATURE
Figure 8.
Figure 9.
Figure 10.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com