Electronic Components Datasheet Search
  English  ▼

X  

RN52SRC Datasheet(PDF) 5 Page - Microchip Technology

Part # RN52SRC
Description  Bluetooth Audio Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN52SRC Datasheet(HTML) 5 Page - Microchip Technology

  RN52SRC Datasheet HTML 1Page - Microchip Technology RN52SRC Datasheet HTML 2Page - Microchip Technology RN52SRC Datasheet HTML 3Page - Microchip Technology RN52SRC Datasheet HTML 4Page - Microchip Technology RN52SRC Datasheet HTML 5Page - Microchip Technology RN52SRC Datasheet HTML 6Page - Microchip Technology RN52SRC Datasheet HTML 7Page - Microchip Technology RN52SRC Datasheet HTML 8Page - Microchip Technology RN52SRC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
 2015 Microchip Technology Inc.
DS70005120A-page 5
RN52
5
GPIO4
Digital
Factory Reset mode. To reset the module to the
factory defaults, GPIO4 should be high on
power-up and then toggle low, high, low, high
with a 1 second wait between the transitions.
During runtime, the module will enter voice com-
mand mode if this pin is driven low.
Reserved. Not available for reconfiguring as a
general purpose IO pin.
Input
Low
6
GPIO5
Bidirectional with program-
mable strength internal
pull-up/down
Programmable I/O
I/O
High
7
GPIO12
Bidirectional with program-
mable strength internal
pull-up/down
Programmable I/O
I/O
High
8
GPIO13
Bidirectional with program-
mable strength internal
pull-up/down
Programmable I/O
I/O
High
9
GPIO11
Bidirectional with program-
mable strength internal
pull-up/down
Programmable I/O
I/O
High
10
GPIO10
Bidirectional with program-
mable strength internal
pull-up/down
Programmable I/O
I/O
High
11
GPIO9
Digital
When you drive this signal low, the module’s
UART goes into Command mode. If this signal is
asserted high, the UART is in Data mode.
Reserved
Input
High
12
USBD-
Bidirectional
USB data minus
I/O
13
USBD+
Bidirectional
USB data plus with selectable internal 1.5 Kohm
pull-up resistor
I/O
14
UART_RTS CMOS output, tri-state, with
weak internal pull-up
UART request to send active low
Output
15
UART_CTS CMOS input with weak
internal pull-down
UART clear to send active low
Input
16
UART_TX
CMOS output, tri-state, with
weak internal pull-up
UART data output
Output
17
UART_RX
CMOS input with weak
internal pull-down
UART data input
Input
18
GND
Ground
Ground
19
GPIO7
Bidirectional with program-
mable strength internal
pull-up/down
Driving this pin low sets the UART baud rate to
9,600. By default, the pin is high with a baud rate
of 115,200
I/O
High
20
GPIO6
Bidirectional with program-
mable strength internal
pull-up/down
Programmable I/O
I/O
High
21
PWREN
Analog
Pull high to power up RN52
Input
Low
22
VDD
3.3-V power input
3.3V power input
23
PCM_IN
CMOS input, with weak
internal pull down
Synchronous data input, configurable for
SPDIF_IN or SD_IN (I2S)
Input
TABLE 1-4:
PIN DESCRIPTION(1) (SHEET 2 OF 3)
Pin
Symbol
I/O Type
Description
Directio
n
Defau
lt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com