Electronic Components Datasheet Search
  English  ▼

X  

VPC3232D Datasheet(PDF) 67 Page - Micronas

Part # VPC3232D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3232D Datasheet(HTML) 67 Page - Micronas

Back Button VPC3232D Datasheet HTML 63Page - Micronas VPC3232D Datasheet HTML 64Page - Micronas VPC3232D Datasheet HTML 65Page - Micronas VPC3232D Datasheet HTML 66Page - Micronas VPC3232D Datasheet HTML 67Page - Micronas VPC3232D Datasheet HTML 68Page - Micronas VPC3232D Datasheet HTML 69Page - Micronas VPC3232D Datasheet HTML 70Page - Micronas VPC3232D Datasheet HTML 71Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
ADVANCE INFORMATION
VPC 323xD, VPC 324xD
Micronas
67
4.6.4.10. Characteristics, Output Pin Specification
Output Specification for SYNC, CONTROL, and DATA Pins:
Y[7:0], C[7:0], AVO, HS, HC, INTLC, VS, FSY, FFIE, FFWE, FFOE, FFRD, FFRSTWR
Fig. 4–14: Sync, control, and data outputs
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VOL
Output Low Voltage
––
0.4
V
Cload =50pF
VOH
Output High Voltage
2.4
–
–
V
Cload =50pF
tOH
Output Hold Time
20
–
–
ns
LLC1=13.5MHz
tOD
Output Delay Time
–
–
52
ns
LLC1=13.5MHz
tOH
Output Hold Time
10
–
–
ns
LLC2=27.0MHz
tOD
Output Delay Time
–
–
26
ns
LLC2=27.0MHz
CL
Load Capacitance
–
–
50
pF
CLK20
20.25 MHz
in case of DIGIT3000 mode
LLC1
13.5 MHz
in case of LLC Mode
Output
2.0 V
tR, tF ≤ 5 ns
0.8 V
VOH
VOL
Data valid
tOD
tOH
Data valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com