Electronic Components Datasheet Search
  English  ▼

X  

RN2903 Datasheet(PDF) 10 Page - Microchip Technology

Part # RN2903
Description  Low-Power Long Range LoRa Technology Transceiver Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2903 Datasheet(HTML) 10 Page - Microchip Technology

Back Button RN2903 Datasheet HTML 6Page - Microchip Technology RN2903 Datasheet HTML 7Page - Microchip Technology RN2903 Datasheet HTML 8Page - Microchip Technology RN2903 Datasheet HTML 9Page - Microchip Technology RN2903 Datasheet HTML 10Page - Microchip Technology RN2903 Datasheet HTML 11Page - Microchip Technology RN2903 Datasheet HTML 12Page - Microchip Technology RN2903 Datasheet HTML 13Page - Microchip Technology RN2903 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
RN2903
DS50002390B-page 10
 2015 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
RF Trace Layout Design
The RN2903 modular transmitter is certified with a PCB edge SMA connector and micro-strip trace layout as shown in
Figure 5-1 and Figure 5-2. The left side RF path is not used for this module. The host PCB can follow these trace design
to maintain compliance under the modular grant (FCC) and certificate (IC). Gerber files are available on the RN2903
product web page at www.microchip.com/rn2903.
FIGURE 5-1:
RF TRACE ROUTING (TOP LAYER)
FIGURE 5-2:
RF TRACE ROUTING (BOTTOM LAYER)
Dimensions are in millimeters
Trace Dimensions:
Trace width: 0.75
Trace gap: 0.15
Finished Copper Weight: 1 ounce
PCB Details:
Two layer, plated through hole
FR4
Thickness: 1.55 mm
Via stitching with 0.25 mm plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com