Electronic Components Datasheet Search
  English  ▼

X  

RN4677 Datasheet(PDF) 26 Page - Microchip Technology

Part # RN4677
Description  Bluetooth 4.0 Dual Mode Module Users Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4677 Datasheet(HTML) 26 Page - Microchip Technology

Back Button RN4677 Datasheet HTML 22Page - Microchip Technology RN4677 Datasheet HTML 23Page - Microchip Technology RN4677 Datasheet HTML 24Page - Microchip Technology RN4677 Datasheet HTML 25Page - Microchip Technology RN4677 Datasheet HTML 26Page - Microchip Technology RN4677 Datasheet HTML 27Page - Microchip Technology RN4677 Datasheet HTML 28Page - Microchip Technology RN4677 Datasheet HTML 29Page - Microchip Technology RN4677 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
RN4677 Bluetooth® 4.0 Dual Mode Module User’s Guide
DS50002377A-page 26
 2015 Microchip Technology Inc.
2.5.11
CFR
This command causes the device to connect and immediately go into Fast Data mode
using the stored remote address.
Example:
2.5.12
F,<0, 1>
This command puts the RN4677 into Fast Data mode.
If the parameter is 1, Fast Data mode is enabled; otherwise, Fast Data mode is dis-
abled. Fast Data mode improves data transfer throughput by disabling check for
escape characters to enter Command mode.
When RN4677 is connected to another device, enabling Fast Data mode exits Com-
mand mode immediately and puts the device into Fast Data mode; when RN4677 is
not connected to another device, enabling Fast Data mode puts RN4677 into Fast Data
mode once it connects to another device.
Example:
2.5.13
H
The Help command displays a list of commands and their basic syntax.
Example:
2.5.14
I,<value 1>,<value 2>
This command only applies to Bluetooth Classic.
This command performs an inquiry scan, where <value 1> is the scan time in seconds
and <value 2> is the optional COD of the device class being scanned. The default time
is 10 seconds, and the maximum is 48 seconds. If <value 2> is unused or set to 0, the
device looks for all device classes. When entering a COD, all six hex characters must
be provided. For example, enter 0040F0 for COD 0x40F0 value. The scan returns a
maximum of nine devices. As devices are found, they are displayed in the following
format:
<Bluetooth address>,<Bluetooth name>,<COD>
00A053000123,MySerial-Port,72010C
Default:
10 seconds, no COD
Example:
2.5.15
IL[,<H8>,<H16>,<H16>]
This command only applies to BLE.
This command scans the neighborhood for BLE devices. This command can take up
to three parameters.
CFR
Note: Once in Fast Data mode, it is impossible to enter Command mode unless
the remote side drops the connection or hardware Reset is invoked to
reboot the module.
F,1
// Leave Command mode and enter Fast Data mode
H
// Display help
I,20,0040F0
// Scan for 20 seconds using the COD 0x40F0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com