Electronic Components Datasheet Search
  English  ▼

X  

CFPS-104 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # CFPS-104
Description  Crystal Clock Oscillator Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CFPS-104 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  CFPS-104 Datasheet HTML 1Page - IQD Frequency Products Ltd CFPS-104 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFPS-104
Crystal Clock Oscillator Specification
ISSUE 3; August 2016
Outline (mm)
Test Circuit
Description
32.768kHz output crystal oscillator in a ceramic package,
hermetically sealed with a seam sealed metal lid
Suitable for real time clock applications
Frequency Parameters
Frequency
32.768kHz
Frequency Stability
±20.00ppm to ±50.00ppm
±3ppm max per year
Ageing
Electrical Parameters
3.3V ±5%
Supply Voltage
Operating Temperature Ranges
-20 to 70°C
-10 to 70°C
-40 to 85°C
Output Details
Output Compatability
CMOS
Drive Capability
15pF max
Output Control
Logic ‘1’ (>70% VS) to pad 1 enables oscillator output
Logic ‘0’ (<30% VS) to pad 1 disables oscillator output; when
disabled the oscillator output goes to the high impedance state
No connection to pad 1 enables oscillator output
Environmental Parameters
Storage Temperature Range: –55 to 125°C
Shock: MIL-STD-883F, Method 2002.4: 1500G, 0.5ms, 3
times in each of 3 mutually perpendicular planes
Vibration: MIL-STD-883F, Method 2007.3: 20G
(20Hz-2000Hz), 1.52mm amplitude, 20mins in 3 mutually
perpendicular planes (total 4hrs)
Ordering Information
Frequency*
Model*
Output
Frequency Stability*
Operating Temperature Range*
Supply Voltage
(*minimum required)
Example
32.768kHz CFPS-104
CMOS ±50ppm –10 to 70C 3.3V
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Printed on 31 Aug 16 11:17 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - CFPS-104

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-102 IQD-CFPS-102 Datasheet
343Kb / 2P
Crystal Clock Oscillator Specification
CFPS-103 IQD-CFPS-103 Datasheet
342Kb / 2P
Crystal Clock Oscillator Specification
CFPS-107 IQD-CFPS-107 Datasheet
273Kb / 2P
Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
Crystal Clock Oscillator Specification
CFPS-109 IQD-CFPS-109 Datasheet
272Kb / 2P
Crystal Clock Oscillator Specification
More results

Similar Description - CFPS-104

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPS-40-AUTO IQD-CFPS-40-AUTO Datasheet
233Kb / 2P
Crystal Clock Oscillator Specification
CFPS-54-AUTO IQD-CFPS-54-AUTO Datasheet
191Kb / 2P
Crystal Clock Oscillator Specification
CFPS-64 IQD-CFPS-64 Datasheet
811Kb / 2P
Crystal Clock Oscillator Specification
CFPS-67 IQD-CFPS-67 Datasheet
407Kb / 2P
Crystal Clock Oscillator Specification
CFPS-72 IQD-CFPS-72 Datasheet
751Kb / 2P
Crystal Clock Oscillator Specification
CFPS-108 IQD-CFPS-108 Datasheet
272Kb / 2P
Crystal Clock Oscillator Specification
CFPS-113 IQD-CFPS-113 Datasheet
279Kb / 2P
Crystal Clock Oscillator Specification
CFPS-114 IQD-CFPS-114 Datasheet
281Kb / 2P
Crystal Clock Oscillator Specification
CXO-3.3V IQD-CXO-3.3V Datasheet
187Kb / 3P
Crystal Clock Oscillator Specification
CXO-5.0V IQD-CXO-5.0V Datasheet
188Kb / 3P
Crystal Clock Oscillator Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com