Electronic Components Datasheet Search
  English  ▼

X  

VPC3211A Datasheet(PDF) 28 Page - Micronas

Part # VPC3211A
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3211A Datasheet(HTML) 28 Page - Micronas

Back Button VPC3211A Datasheet HTML 24Page - Micronas VPC3211A Datasheet HTML 25Page - Micronas VPC3211A Datasheet HTML 26Page - Micronas VPC3211A Datasheet HTML 27Page - Micronas VPC3211A Datasheet HTML 28Page - Micronas VPC3211A Datasheet HTML 29Page - Micronas VPC3211A Datasheet HTML 30Page - Micronas VPC3211A Datasheet HTML 31Page - Micronas VPC3211A Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
28
Micronas
2.12.4. Acquisition and Display Window
The acquisition window defines the picture area of the
input active video to be displayed as a inset picture on
the screen.
The display window defines the display position of the
inset picture(s) on the screen.
The acquisition and display windows are controlled by
I2C parameters HSTR, VSTR, NPIX and NLIN (see
Fig. 2–25 and 2–26). They indicate the coordinate of
the upper-left corner and the horizontal and vertical
size of the active video area. In VPCpip or VPCsingle
mode, these four parameters define the acquisition
window in the decimated pixel grid, while in VPCmain
mode they define the display window.
Fig. 2–25: Definition of the acquisition window
Fig. 2–26: Definition of the display window
2.12.5. Frame and Background Color
Two
programmable
frame
colors
COLFR1
and
COLFR2 are available to high-light a particular inset
picture.
Instead of displaying the main picture it is possible to
fill the background with a programmable color COL-
BGD (set SHOWBGD=1 in the register PIPMODE),
e. g. for multi PIP displays on the full screen (see mode
6 and 10).
COLFR1, COLFR2 and COLBGD are 16 bits wide
each. Therefore 65536 colors are programmable.
2.12.6. Vertical Shift of the Main Picture
The VPCmain mode supports vertical up-shifting of the
main picture (e. g. letterbox format) to enable bottom
insets (see mode 11). The vertical shift is programma-
ble by VOFFSET.
2.12.7. Free Running Display Mode
In this mode a free running sync raster is generated to
guarantee a stable display in critical cases like tuner
scan. Therefore the LLC should be disabled (see
Table 2–12).
2.12.8. Frame and Field Display Mode
In frame display mode, every field is written into the
field memory. In the field display mode every second
field is written into the field memory. This configuration
is suitable for multi picture insets and freeze mode,
since it avoids motion artifacts. On the other hand, the
frame display mode guarantees maximum vertical and
temporal resolution for animated insets.
In the predefined mode the setting of frame/field mode
is done automatically to achieve the best performance.
Active Video
HSTR
VSTR
NPIX
Acquisition
Window
Active Video
HSTR
VSTR
NPIX
Display
Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com