Electronic Components Datasheet Search
  English  ▼

X  

ACS9550 Datasheet(PDF) 3 Page - IQD Frequency Products Ltd

Part # ACS9550
Description  TCXO Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

ACS9550 Datasheet(HTML) 3 Page - IQD Frequency Products Ltd

  ACS9550 Datasheet HTML 1Page - IQD Frequency Products Ltd ACS9550 Datasheet HTML 2Page - IQD Frequency Products Ltd ACS9550 Datasheet HTML 3Page - IQD Frequency Products Ltd ACS9550 Datasheet HTML 4Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CFPT-9006
TCXO Specification
Noise Parameters
Phase Noise (typical for 13.0MHz @ 25°C):
-65dBc/Hz @ 1Hz
-95dBc/Hz @ 10Hz
-120dBc/Hz @ 100Hz
-135dBc/Hz @ 1kHz
-140dBc/Hz @ 10kHz
-145dBc/Hz @ 100kHz
Environmental Parameters
Shock: IEC 60068-2-27, Test Ea: 1500G acceleration for
0.5ms, half sine pulse, 3 shocks in each of 3 mutually
perpendicular planes
Vibration: IEC 60068-2-6, Test Fc: 10Hz-60Hz, 1.5mm
displacement, 60-2000Hz at 10G, 30mins in 3 mutually
perpendicular planes at 1oct/min
Solderability: MIL-STD-202, Method 208, Category 3
Storage Temperature Range: –55 to 125°C
Manufacturing Details
Pb-free Reflow Soldering: 260°C max for 30sec max
Ordering Information
Frequency*
Model*
Reference Voltage + Frequency Adjustment Options*
Output*
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Supply Voltage
(*minimum required)
Example
10.0MHz CFPT-9006-1A
HCMOS ±1.0ppm -20 to 70C 3.3V
Note: Certain frequency stability / temperature range
combinations may not be available for all frequencies.
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
1
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Loose in bulk pack
Pack Style: Bulk
Pack Size: 10
Electrical Specification - maximum limiting values 3.3V ±10%
Frequency
Min
Frequency
Max
Temperature
Range
Stability
Current
Draw
Rise and Fall
Time
Duty Cycle
°C
ppm
mA
ns
%
8
0 to 50
1.25MHz
40.0MHz
±0.3
-
45/55%
8
-20 to 70
±0.5
-
45/55%
8
-30 to 75
±1.0
-
45/55%
8
-40 to 85
±1.0
-
45/55%
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 26 Apr 16 11:58 using Model Data Sheet V1.2550
Page 3 of 4
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com