Electronic Components Datasheet Search
  English  ▼

X  

LM13600 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM13600
Description  Dual Operational Transconductance Amplifiers with Linearizing Diodes and Buffers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM13600 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM13600 Datasheet HTML 15Page - National Semiconductor (TI) LM13600 Datasheet HTML 16Page - National Semiconductor (TI) LM13600 Datasheet HTML 17Page - National Semiconductor (TI) LM13600 Datasheet HTML 18Page - National Semiconductor (TI) LM13600 Datasheet HTML 19Page - National Semiconductor (TI) LM13600 Datasheet HTML 20Page - National Semiconductor (TI) LM13600 Datasheet HTML 21Page - National Semiconductor (TI) LM13600 Datasheet HTML 22Page - National Semiconductor (TI) LM13600 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Additional Applications (Continued)
The circuit of
Figure 28 is a voltage reference of variable
temperature coefficient. The 100 k
Ω potentiometer adjusts
the output voltage which has a positive TC above 1.2V, zero
TC at about 1.2V and negative TC below 1.2V. This is ac-
complished by balancing the TC of the A2 transfer function
against the complementary TC of D1.
The log amplifier of
Figure 29 responds to the ratio of cur-
rents through buffer transistors Q3 and Q4. Zero tempera-
ture dependence for V
OUT is ensured because the TC of the
A2 transfer function is equal and opposite to the TC of the
logging transistors Q3 and Q4.
The wide dynamic range of the LM13600 allows easy control
of the output pulse width in the Pulse Width Modulator of
Fig-
ure 30.
For generating I
ABC over a range of 4 to 6 decades of cur-
rent, the system of
Figure 31 provides a logarithmic current
out for a linear voltage in.
Since the closed-loop configuration ensures that the input to
A2 is held equal to 0V, the output current of A1 is equal
to I
3 = −VC/RC.
The differential voltage between Q1 and Q2 is attenuated by
the R1, R2 network so that A1 may be assumed to be oper-
ating within its linear range. From
Equation (5), the input volt-
age to A1 is:
The voltage on the base of Q1 is then
The ratio of the Q1 and Q2 collector currents is defined by:
Combining and solving for I
ABC yields:
This logarithmic current can be used to bias the circuit of
Fig-
ure 4 provide a temperature independent stereo attenuation
characteristic.
DS007980-35
FIGURE 28. Delta VBE Reference
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com