Electronic Components Datasheet Search
  English  ▼

X  

VPC3243D Datasheet(PDF) 50 Page - Micronas

Part # VPC3243D
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3243D Datasheet(HTML) 50 Page - Micronas

Back Button VPC3243D Datasheet HTML 46Page - Micronas VPC3243D Datasheet HTML 47Page - Micronas VPC3243D Datasheet HTML 48Page - Micronas VPC3243D Datasheet HTML 49Page - Micronas VPC3243D Datasheet HTML 50Page - Micronas VPC3243D Datasheet HTML 51Page - Micronas VPC3243D Datasheet HTML 52Page - Micronas VPC3243D Datasheet HTML 53Page - Micronas VPC3243D Datasheet HTML 54Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
50
Micronas
Fig. 3–2: Scaler operation for ‘panorama’ mode at 13.5 MHz
border
center
border
input signal
video signal
output signal
compression
ratio
1
expansion
(scaler2)
compression
(scaler1)
23
4
01
scaler window
cutpoints
compression
(scaler1)
scinc2
scinc1
expansion
(scaler2)
scinc
Table 3–5: Set-up values for nonlinear scaler modes
Mode
DIGIT3000 (20.25 MHz)
LLC (13.5 MHz)
Register
‘waterglass’
border 35%
‘panorama’
border 30%
‘waterglass’
border 35%
‘panorama’
border 30%
center 3/4
center 5/6
center 4/3
center 6/5
center 3/4
center 5/6
center 4/3
center 6/5
scinc1
1643
1427
1024
1024
2464
2125
1024
1024
scinc2
1024
1024
376
611
1024
1024
573
914
scinc
90
56
85
56
202
124
190
126
fflim
945
985
921
983
719
719
681
715
scw1 – 0
110
115
83
94
104
111
29
13
scw1 – 1
156
166
147
153
104
111
115
117
scw1 – 2
317
327
314
339
256
249
226
241
scw1 – 3
363
378
378
398
256
249
312
345
scw1 – 4
473
493
461
492
360
360
341
358
scw2 – 0
110
115
122
118
104
111
38
14
scw2 – 1
156
166
186
177
104
111
124
118
scw2 – 2
384
374
354
363
256
249
236
242
scw2 – 3
430
425
418
422
256
249
322
346
scw2 – 4
540
540
540
540
360
360
360
360



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com