Electronic Components Datasheet Search
  English  ▼

X  

VPC3201A Datasheet(PDF) 6 Page - Micronas

Part # VPC3201A
Description  Comb Filter Video Processor
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VPC3201A Datasheet(HTML) 6 Page - Micronas

Back Button VPC3201A Datasheet HTML 2Page - Micronas VPC3201A Datasheet HTML 3Page - Micronas VPC3201A Datasheet HTML 4Page - Micronas VPC3201A Datasheet HTML 5Page - Micronas VPC3201A Datasheet HTML 6Page - Micronas VPC3201A Datasheet HTML 7Page - Micronas VPC3201A Datasheet HTML 8Page - Micronas VPC3201A Datasheet HTML 9Page - Micronas VPC3201A Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
VPC 323xD, VPC 324xD
ADVANCE INFORMATION
6
Micronas
1.2. Video Processor Family
The VPC video processor family supports 15/32-kHz
systems and is available with different comb filter
options.
The
50-Hz/single-scan
versions
(e.
g.
VPC 324xD) provide controlling for the display and the
vertical/east-west
deflection
of
DDP 3300A.
The
100-Hz/double-scan versions (e. g. VPC 323xD) have
a line-locked clock output interface and the PAL+ pre-
processing option. Table 1–1 gives an overview of the
VPC video processor family.
Table 1–1: VPC Processor Family for 100 Hz, Double Scan and Line Locked Clock Application
Features
Typ
Adaptive
Combfilter (PAL/
NTSC)
Panorama
Vision
Analog
Component
Inputs
Vertical Scaler
(PIP)
Digital Output
Interface
VPC 3230D
4H

2

ITU-R 601,
ITU-R 656
VPC 3231D

2

ITU-R 601,
ITU-R 656
VPC 3232D
4H

ITU-R 601,
ITU-R 656
VPC 3233D

ITU-R 601,
ITU-R 656
VPC 3215C
4H

ITU-R 601
VPC 3210A
2H

ITU-R 601
VPC 3211A

ITU-R 601
Table 1–2: VPC Processor Family for 50 Hz Single Scan Applications
Features
Typ
Adaptive
Combfilter (PAL/
NTSC)
Panorama
Vision
Analog
Component
Inputs
Vertical Scaler
(PIP)
Digital Output
Interface
VPC 3240D
4H

2

DIGIT 3000
VPC 3241D

2

DIGIT 3000
VPC 3242D
4H

DIGIT 3000
VPC 3243D

DIGIT 3000
VPC 3205C
4H

DIGIT 3000
VPC 3200A
2H

DIGIT 3000
VPC 3201A

DIGIT 3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com