Electronic Components Datasheet Search
  English  ▼

X  

Z9972 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # Z9972
Description  3.3V, 125-MHz, Multi-Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Z9972 Datasheet(HTML) 2 Page - Cypress Semiconductor

  Z9972 Datasheet HTML 1Page - Cypress Semiconductor Z9972 Datasheet HTML 2Page - Cypress Semiconductor Z9972 Datasheet HTML 3Page - Cypress Semiconductor Z9972 Datasheet HTML 4Page - Cypress Semiconductor Z9972 Datasheet HTML 5Page - Cypress Semiconductor Z9972 Datasheet HTML 6Page - Cypress Semiconductor Z9972 Datasheet HTML 7Page - Cypress Semiconductor Z9972 Datasheet HTML 8Page - Cypress Semiconductor Z9972 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Z9972
Document #: 38-07088 Rev. *D
Page 2 of 9
Pin Descriptions
Pin
Name
PWR
I/O
Type
Description
11
XIN
I
Oscillator Input. Connect to a crystal.
12
XOUT
O
Oscillator Output. Connect to a crystal.
9TCLK0
I
PU
External Reference/Test Clock Input.
10
TCLK1
I
PU
External Reference/Test Clock Input.
44, 46, 48, 50
QA(3:0)
VDDC
O
Clock Outputs. See Table 2 for frequency selections.
32, 34, 36, 38
QB(3:0)
VDDC
O
Clock Outputs. See Table 2 for frequency selections.
16, 18, 21, 23
QC(3:0)
VDDC
O
Clock Outputs. See Table 2 for frequency selections.
29
FB_OUT
VDDC
O
Feedback Clock Output. Connect to FB_IN for normal operation. The
divider ratio for this output is set by FB_SEL(0:2). See Table 1. A bypass
delay capacitor at this output will control Input Reference/ Output Banks
phase relationships.
25
SYNC
VDDC
O
Synchronous Pulse Output. This output is used for system synchroni-
zation. The rising edge of the output pulse is in sync with both the rising
edges of QA (0:3) and QC(0:3) output clocks regardless of the divider
ratios selected.
42, 43
SELA(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at QA(0:3)
outputs. See Table 2.
40, 41
SELB(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at QB(0:3)
outputs. See Table 2.
19, 20
SELC(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at QC(0:3)
outputs. See Table 2.
5, 26, 27
FB_SEL(2:0)
I
PU
Feedback Select Inputs. These inputs select the divide ratio at FB_OUT
output. See Table 2.
52
VCO_SEL
I
PU
VCO Divider Select Input. When set LOW, the VCO output is divided by
2. When set HIGH, the divider is bypassed. See Table 1.
31
FB_IN
I
PU
Feedback Clock Input. Connect to FB_OUT for accessing the PLL.
6
PLL_EN
I
PU
PLL Enable Input. When asserted HIGH, PLL is enabled. And when
LOW, the phase-lock loop (PLL) is bypassed.
7
REF_SEL
I
PU
Reference Select Input. When HIGH, the crystal oscillator is selected.
And when LOW, TCLK (0,1) is the reference clock.
8
TCLK_SEL
I
PU
TCLK Select Input. When LOW, TCLK0 is selected and when HIGH
TCLK1 is selected.
2MR#/OE
I
PU
Master Reset/Output Enable Input. When asserted LOW, resets all of
the internal flip-flops and also disables all of the outputs. When pulled
HIGH, releases the internal flip-flops from reset and enables all of the
outputs.
14
INV_CLK
I
PU
Inverted Clock Input. When set HIGH, QC(2,3) outputs are inverted.
When set LOW, the inverter is bypassed.
3SCLK
I
PU
Serial Clock Input. Clocks data at SDATA into the internal register.
4SDATA
I
PU
Serial Data Input. Input data is clocked to the internal register to
enable/disable individual outputs. This provides flexibility in power
management.
17, 22, 28,
33,37, 45, 49
VDDC[2]
3.3V Power Supply for Output Clock Buffers.
13
VDD[2]
3.3V Supply for PLL.
1, 15, 24, 30,
35, 39, 47, 51
VSS
Common Ground.
Note:
2.
A bypass capacitor (0.1
µF) should be placed as close as possible to each positive power (< 0.2”). If these bypass capacitors are not close to the pins their
high-frequency filtering characteristics will be cancelled by the lead inductance of the traces.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com