Electronic Components Datasheet Search
  English  ▼

X  

MJH16012 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJH16012
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJH16012 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJH16012 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJH16012 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
2
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon NPN Power Transistor
MJH16012
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP. MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage IC= 30mA; IB= 0
450
V
VCE(sat)-1
Collector-Emitter Saturation Voltage IC= 5A ;IB= 0.7A
2.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage IC= 10A ;IB= 1.3A ;
3.0
V
VCE(sat)-3
Collector-Emitter Saturation Voltage IC= 10A ;IB= 1.3A ;TC=100℃
3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 5A ;IB= 0.7A
1.5
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC=10A ;IB= 1.3A ;
1.5
V
VBE(sat)-3
Base-Emitter Saturation Voltage
IC=10A ;IB= 1.3A ;TC=100℃
1.5
V
ICBO
Collector Cutoff Current
VCB=850V,IE=0,
0.25
mA
ICBO
Collector Cutoff Current
VCB=850V,IE=0,TC=100℃
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
1.0
mA
hFE1
DC Current Gain
IC=1A ; VCE= 5V
10
40
hFE2
DC Current Gain
IC=1 5A ; VCE= 5V
5
COB
Output Capacitance
IE= 0; f= 1kHz ; VCB= 10V
400
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com