Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1021 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXCT1021
Description  LOW OFFSET HIGH-SIDE CURRENT MONITOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCT1021 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXCT1021 Datasheet HTML 1Page - Zetex Semiconductors ZXCT1021 Datasheet HTML 2Page - Zetex Semiconductors ZXCT1021 Datasheet HTML 3Page - Zetex Semiconductors ZXCT1021 Datasheet HTML 4Page - Zetex Semiconductors ZXCT1021 Datasheet HTML 5Page - Zetex Semiconductors ZXCT1021 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICO NDUC TORS
DESCRIPTION
The ZXCT1021 is a precision high side current sense
monitor. Using this type of device eliminates the need
to disrupt the ground plane when sensing a load
current.
The ZXCT1021 provides a fixed gain of 10 for
applications where minimal sense voltage is required.
The very low offset voltage enables a typical accuracy
of 3% for sense voltages of only 10mV, giving better
tolerances for small sense resistors necessary at
higher currents.
The wide input voltage range of 20V down to as low as
2.5V make it suitable for a range of applications. With a
minimum operating current of just 25µA, combined
with its SOT23-5 package make it suitable for portable
battery equipment too.
FEATURES
• Accurate high-side current sensing
• Output voltage scaling
• 2.5V – 20V supply range
• 25 A quiescent current
• 1% typical accuracy
• SOT23-5 package
PARTMARK
1021
APPLICATIONS
• Battery Chargers
• Smart Battery Packs
• DC Motor control
• Over current monitor
• Power Management
• Level translating
• Programmable current source
ZXCT1021
ISSUE 2 - MARCH 2004
LOW OFFSET HIGH-SIDE CURRENT MONITOR
1
TYPICAL CIRCUIT APPLICATION
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXCT1021E5TA
7”
8mm
3,000 units
ORDERING INFORMATION


Similar Part No. - ZXCT1021

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021 Datasheet
326Kb / 8P
Low offset high-side current monitor
logo
Diodes Incorporated
ZXCT1021 DIODES-ZXCT1021 Datasheet
390Kb / 8P
Low offset high-side current monitor
JULY 2007
logo
Zetex Semiconductors
ZXCT1021E5TA ZETEX-ZXCT1021E5TA Datasheet
326Kb / 8P
Low offset high-side current monitor
logo
Diodes Incorporated
ZXCT1021E5TA DIODES-ZXCT1021E5TA Datasheet
390Kb / 8P
Low offset high-side current monitor
JULY 2007
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021_06 Datasheet
326Kb / 8P
Low offset high-side current monitor
More results

Similar Description - ZXCT1021

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1022 ZETEX-ZXCT1022 Datasheet
100Kb / 6P
LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1011 ZETEX-ZXCT1011 Datasheet
289Kb / 8P
High-side low drift current monitor
ZXCT1021 ZETEX-ZXCT1021_06 Datasheet
326Kb / 8P
Low offset high-side current monitor
ZXCT1022 ZETEX-ZXCT1022_07 Datasheet
231Kb / 8P
Low offset high-side current monitor
ZXCT1020 ZETEX-ZXCT1020 Datasheet
1Mb / 14P
Low offset current output current monitor
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
ZXCT1011 DIODES-ZXCT1011 Datasheet
295Kb / 8P
High-side low drift current monitor
JULY 2005
ZXCT1020 DIODES-ZXCT1020 Datasheet
1Mb / 14P
Low offset current output current monitor
AUGUST 2007
ZXCT1021 DIODES-ZXCT1021 Datasheet
390Kb / 8P
Low offset high-side current monitor
JULY 2007
ZXCT1022 DIODES-ZXCT1022 Datasheet
202Kb / 8P
Low offset high-side current monitor
MARCH 2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com