Electronic Components Datasheet Search
  English  ▼

X  

SST12CP11C Datasheet(PDF) 9 Page - Microchip Technology

Part # SST12CP11C
Description  2.4 GHz High-Linearity, High-Efficiency Power Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12CP11C Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST12CP11C Datasheet HTML 5Page - Microchip Technology SST12CP11C Datasheet HTML 6Page - Microchip Technology SST12CP11C Datasheet HTML 7Page - Microchip Technology SST12CP11C Datasheet HTML 8Page - Microchip Technology SST12CP11C Datasheet HTML 9Page - Microchip Technology SST12CP11C Datasheet HTML 10Page - Microchip Technology SST12CP11C Datasheet HTML 11Page - Microchip Technology SST12CP11C Datasheet HTML 12Page - Microchip Technology SST12CP11C Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
 2015 Microchip Technology Inc.
DS70005143B-page 9
SST12CP11C
FIGURE 6-5:
POWER GAIN VERSUS OUTPUT POWER
FIGURE 6-6:
SUPPLY CURRENT VERSUS OUTPUT POWER
70005143 F3.0
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
Output Power (dBm)
2412 MHz
2442 MHz
2472 MHz
70005143 F4.0
200
220
240
260
280
300
320
340
360
380
400
420
440
460
480
500
5 6 7 8 9 10 111213141516171819202122232425262728
Output Power (dBm)
2412 MHz
2442 MHz
2472 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com