Electronic Components Datasheet Search
  English  ▼

X  

LCM1500L Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LCM1500L
Description  1500 Watt Bulk Front End
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM1500L Datasheet(HTML) 1 Page - Artesyn Technologies

  LCM1500L Datasheet HTML 1Page - Artesyn Technologies LCM1500L Datasheet HTML 2Page - Artesyn Technologies LCM1500L Datasheet HTML 3Page - Artesyn Technologies LCM1500L Datasheet HTML 4Page - Artesyn Technologies LCM1500L Datasheet HTML 5Page - Artesyn Technologies LCM1500L Datasheet HTML 6Page - Artesyn Technologies LCM1500L Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POWER
LCM1500
1500 Watt Bulk Front End
Total Power: 1500 W
# of Outputs: Single
Outputs:
12 to 48 V
Optional 5.0 V standby
SPECIAL FEATURES
ƒ
1500 W output power
ƒ
Low cost
ƒ
2.5” x 5.2” x 10.0”
ƒ
12 Watts per cubic inch
ƒ
Industrial/Medical safety
ƒ
-40 °C to 70 °C with derating
ƒ
Optional 5 V @ 2 A
housekeeping
ƒ
High efficiency: 89% typical
ƒ
Variable speed “Smart Fans”
ƒ
DSP controlled
ƒ
Conformal coat option
ƒ
± 10% adjustment range
ƒ
Margin programming
ƒ
OR-ing FET
COMPLIANCE
ƒ
EMI Class A
ƒ
EN61000 Immunity
ƒ
RoHS 2
SAFETY
ƒ
ULcUL Recognized ITE
(UL60950-1)
ƒ
ULcUL Recognized Medical
(ANSI/AAMI ES60601-1)
ƒ
TUV-SuD ITE + Medical
(EN60950-1 and EN60601-1)
ƒ
CE LVD (EN60950-1 + ROHS)
ƒ
BSMI
ƒ
CB Report
- through Demko for IEC60950-1
- through TUV-SuD for
IEC60601-1
Electrical Specifications
Input
Input range
90 - 264 Vac (Operating)
115/230 Vac (Nominal)
TERMINAL BLOCK
Frequency
47 - 440 Hz, Nominal 50/60
Input fusing
Internal 30 A fuses, both lines fused
Inrush current
≤ 25 A peak, either hot or cold start
Power factor
0.99 typical, meets EN61000-3-2
Harmonics
Meets IEC 1000-3-2 requirements
Input current
18 A RMS max input current, at 100 Vac
Hold up time
14 ms minimum for Main O/P, at full rated load
Efficiency
> 91% typical at full load / 230 Vac nominal (48V version)
Leakage current
< 0.4 mA at 264 Vac
ON/OFF power switch
N/A
Power line transient
MOV directly after the fuse
Isolation
PRI-Chassis 2500 Vdc Basic
PRI-SEC 4000 VAC Reinforced 2xMOPP
SEC-Chassis 500 Vdc
LCM1500Q Efciency Without the 5 Vsb
76.00
78.00
80.00
82.00
84.00
86.00
88.00
90.00
92.00
25
50
75
100
Loading %
100 Vac
230 Vac
Data Sheet


Similar Part No. - LCM1500L

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
1500 Watt Bulk Front End
More results

Similar Description - LCM1500L

ManufacturerPart #DatasheetDescription
logo
Power-One
FNP1500 POWER-ONE-FNP1500 Datasheet
709Kb / 15P
1500 to 5400-Watt Front-End Power Solutions
logo
Emerson Network Power
LCM600 EMERSON-NETWORKPOWER-LCM600 Datasheet
659Kb / 6P
600 Watts Bulk Front End
logo
Artesyn Technologies
DS850DC-3 ARTESYN-DS850DC-3 Datasheet
1Mb / 4P
Distributed Power Bulk Front-End
DS760SL-3 ARTESYN-DS760SL-3 Datasheet
1Mb / 7P
760 Watts Bulk Front End
DS450-3 ARTESYN-DS450-3 Datasheet
673Kb / 4P
Distributed Power Bulk Front-End
LCM1000L ARTESYN-LCM1000L Datasheet
977Kb / 6P
1000 Watt Bulk Front End
LCM600L ARTESYN-LCM600L Datasheet
1Mb / 7P
600 Watt Bulk Front End
LCM300L ARTESYN-LCM300L Datasheet
677Kb / 5P
310 Watt Bulk Front End
LCM600Q-A ARTESYN-LCM600Q-A Datasheet
1Mb / 7P
600 Watt Bulk Front End
LCM1500Q-T-4 ARTESYN-LCM1500Q-T-4 Datasheet
969Kb / 7P
1500 Watt Bulk Front End
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com