Electronic Components Datasheet Search
  English  ▼

X  

LCM1000N Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LCM1000N
Description  1000 Watt Bulk Front End
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM1000N Datasheet(HTML) 4 Page - Artesyn Technologies

  LCM1000N Datasheet HTML 1Page - Artesyn Technologies LCM1000N Datasheet HTML 2Page - Artesyn Technologies LCM1000N Datasheet HTML 3Page - Artesyn Technologies LCM1000N Datasheet HTML 4Page - Artesyn Technologies LCM1000N Datasheet HTML 5Page - Artesyn Technologies LCM1000N Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LCM1000 Data Sheet
Ordering Information Table 2
LCMXXXXY
-
A
-
B
-
C
-
###
Case Size
Input Termination
Acoustic Noise
Option Codes
Hardware Code
1-Phase input where XXXX =
1000 = 2.4” x 5.2” x 10.0”, 1000W
Blank = Standard
Blank = No Options
Factory Assigned for
Modified standards
T = Terminal Block
1 = Conformal Coat
Voltage Code Y =
4 = 5 V Standby
Code
5 = Opt 1 + 4
L
12
N
15
Q
24
U
36
W
48
Ordering Information Table 1
Model
Number*
Output
Nominal Output
Voltage Set Point
Set Point
Tolerance
Adjustment Range
Current
Output Ripple
P/P (0-50 ˚C)
Max Continuous
Power
Combined Line/
Load Regulation
Min
Max
LCM1000L
12 V
12 V
±0.5%
10.8 - 13.2 V
0 A
83.3 A
120 mV
1000 W
2%
LCM1000N
15 V
15 V
±0.5%
13.5 - 16.5 V
0 A
66.7 A
150 mV
1000 W
2%
LCM1000Q
24 V
24 V
±0.5%
21.6 - 26.4 V
0 A
41.7 A
240 mV
1000 W
2%
LCM1000U
36 V
36 V
±0.5%
32.4 - 39.6 V
0 A
27.8 A
360 mV
1000 W
2%
LCM1000W
48 V
48 V
±0.5%
43.2 - 52.8 V
0 A
20.8 A
480 mV
1000 W
2%
MOUNTING LOCATIONS SCREW
PENETRATION DEPTH IS 4.6 mm MAX.
RECOMMENDED SCREW TORQUE:
M3.5 x 0.6P = 6 - 8kgf-cm
M4.0 x 0.7P = 8 - 10kgf-cm
Mechanical Drawings (LCM1000Q-T, LCM1000U-T and LCM1000W-T)
Bus bar adapter (option)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com