Electronic Components Datasheet Search
  English  ▼

X  

LCM1000Q Datasheet(PDF) 5 Page - Artesyn Technologies

Part # LCM1000Q
Description  1000 Watt Bulk Front End
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LCM1000Q Datasheet(HTML) 5 Page - Artesyn Technologies

  LCM1000Q Datasheet HTML 1Page - Artesyn Technologies LCM1000Q Datasheet HTML 2Page - Artesyn Technologies LCM1000Q Datasheet HTML 3Page - Artesyn Technologies LCM1000Q Datasheet HTML 4Page - Artesyn Technologies LCM1000Q Datasheet HTML 5Page - Artesyn Technologies LCM1000Q Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LCM1000 Data Sheet
Mechanical Drawings (LCM1000L-T, LCM1000N-T)
LED (DC OK/FAIL)
LED (AC OK)
SK2 SIGNAL CONNECTOR
(REFER TO IPS)
POS(+) SK3
NEG(-) SK4
TRIMPOT
(12X)M4 MOUNTING HOLES
RECOMMEND TO USE M4X6 SCREW ON
A 2mm THICK PANEL
BRAND LOGO
INPUT (TERMINAL BLOCK)
NOTE 8
132±1
(17,5)
(52,3)
39,1±1
254±1
(2X)
BLADE THICKNESS
4 0,15
(2X)44,7 0,3
(2X)216,2 0,3
(2X)44,7 0,3
(2X)216,2 0,3
19,2±1
(254)
Notes:
1. Parts must be completely assembled.
2. For label printing details, refer to ips.
3. Quality controlled dimensions. These dimensions to be included in the mechanical cpk of 1.33
4. Casing parts used must have matching color. In order to ensure color matching of parts, it is required that the raw material that will be processed by the fabricator will come from the same supplier and the
sheetmetal fabricator for all matching parts must be the same. To avoid color variations on the same lot delivered, all parts with matching color requirement should be delivered as a set by the fabricator.
5. Sheared edges visible to the customer should have no rust formation. If rust formation is present then a concealing layer of silver ink or some other substitute should be applied on the rusted area.
6. Mounting locations screw penetration depth is 4.6Mm max.
7. Recommended screw torque:
M3.5X0.6P = 6-8kgf-cm
M4.0X0.7P = 8-10kfg-cm
8. Input: terminal block type. M4 screw torque value of 16kgf-cm using wire gauge 18-10 (13mm centers)
9. Suitable mating connectors:
9.1 For sk2:
A) 764-002569-0000 mat-kit hsg-20way (landwin)
451-004792-0000 Hsg-dr 20ckt (lwe pn: 2050s2000)
451-000709-0000 Crimp term (lwe pn: 2053t021v)
B) 764-003275-0000 mat-kit hsg-20way (civilux)
451-004793-0000 Hsg-20way (cx pn: ci0120sd000)
451-000703-0000 Term-#22~28 (cx pn: ci01td21pe0)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com