Electronic Components Datasheet Search
  English  ▼

X  

CLC125 Datasheet(PDF) 2 Page - XP Power Limited

Part # CLC125
Description  125 Watts CLC Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CLC125 Datasheet(HTML) 2 Page - XP Power Limited

  CLC125 Datasheet HTML 1Page - XP Power Limited CLC125 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21-Jan-11
1.25 (31.8)
0.14 (3.5)
SMD Component Height
0.20 (5.1)
4.00 (101.6)
3.750 (95.25)
Voltage Adj.
0.125 (3.18)
2.00 (50.8)
1.00 (25.4)
0.125 (3.18)
0.20 (5.1)
1.750 (44.45)
J1
1.29
(32.7)
0.45
(11.4)
0.29 (7.3)
J2
J3
0.25 Faston
Ground Tab
4 X ø.156 (3.96) Mounting Holes
ø.312 (7.92) Clearance top and bottom
1.20
(30.5)
0.14 (3.5)
SMD Component Height
Voltage Adj.
5.00 (127.0)
4.55 (115.57)
0.20 (5.10)
0.225 (5.72)
3.0 (76.2)
1.52 (38.6)
0.225 (5.72)
2.55 (64.77)
0.13 (3.2)
0.20 (5.1)
1.79
(45.4)
0.95
(24.1)
J2
J3
0.25 Faston
Ground Tab
4 X ø.156 (3.96) Mounting Holes
ø.312 (7.92) Clearance top and bottom
CLC125
Models and Ratings
CLC125
CLC125 3x5 & CLC125 D 3x5
Mechanical Details
Notes
1. All dimensions in inches (mm).
2. Weight 0.386 lbs (175 g)
3. Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
J1 mates with Molex housing
p/n 09-50-1031, and Molex
series 5194 crimp terminals
J2 mates with Molex housing
p/n 09-50-1041 and Molex
series 5194 crimp terminals
J3 mates with Molex housing
p/n 22-01-1024 and Molex
series 5103 crimp terminals
J1 mates with Molex housing
p/n 09-50-1031, and Molex
series 5194 crimp terminals
J2 mates with Molex housing
p/n 09-50-1041 and Molex
series 5194 crimp terminals
J3 mates with Molex housing
p/n 22-01-1024 and Molex
series 5103 crimp terminals
Notes
1. The 3 x 5 models share the same specification as the other models except the PCB size is increased to 3” x 5” from 2” x 4”. The ‘D’ models have an integral output
ORing diode.
Input Connector J1
Molex PN 09-65-2038
Pin 1
Line
Pin 2
Neutral
Fan Supply Connector J3
Molex PN 22-04-1021
Pin 1
Fan+
Pin 2
Fan-
Output Connector J2
Molex PN 09-65-2048
Pin 1
+V1
Pin 2
+V1
Pin 3
RTN
Pin 2
RTN
Input Connector J1
Molex PN 09-65-2038
Pin 1
Line
Pin 2
Neutral
Fan Supply Connector J3
Molex PN 22-04-1021
Pin 1
Fan+
Pin 2
Fan-
Output Connector J2
Molex PN 09-65-2048
Pin 1
+V1
Pin 2
+V1
Pin 3
RTN
Pin 2
RTN
Output Power
Output Voltage V1
Output Current
Fan Supply V2
Model Number
10 CFM
Convection
125 W
55 W
12.0 VDC
10.4 A
12 V / 0.5 A
CLC125US12
125 W
55 W
24.0 VDC
5.2 A
12 V / 0.5 A
CLC125US24
125 W
55 W
48.0 VDC
2.6 A
12 V / 0.5 A
CLC125US48
125 W
55 W
12.0 VDC
10.4 A
12 V / 0.5 A
CLC125US12-3x5(1)
125 W
55 W
24.0 VDC
5.2 A
12 V / 0.5 A
CLC125US24-3x5(1)
125 W
55 W
48.0 VDC
2.6 A
12 V / 0.5 A
CLC125US48-3x5(1)
125 W
55 W
12.0 VDC
10.4 A
12 V / 0.5 A
CLC125US12D-3x5(1)
125 W
55 W
24.0 VDC
5.2 A
12 V / 0.5 A
CLC125US24D-3x5(1)
125 W
55 W
48.0 VDC
2.6 A
12 V / 0.5 A
CLC125US48D-3x5(1)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com