Electronic Components Datasheet Search
  English  ▼

X  

ECS65 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECS65
Description  65/100/130 Watts ECS Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECS65 Datasheet(HTML) 2 Page - XP Power Limited

  ECS65 Datasheet HTML 1Page - XP Power Limited ECS65 Datasheet HTML 2Page - XP Power Limited ECS65 Datasheet HTML 3Page - XP Power Limited ECS65 Datasheet HTML 4Page - XP Power Limited ECS65 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0.20 (5.1)
1.05
(26.7)
0.14 (3.5)
SMD Component Height
2.00 (50.8)
0.95 (24.1)
0.125 (3.18)
1.75 (44.45)
J1
0.96 (24.5)
0.20 (5.1)
J2
1
1
1
2
4
4.00 (101.6)
C4
C5
T1
Q1
0.125 (3.17)
3.750 (95.25)
0.25 Faston Ground Tab
4 X ø.156 (3.96) Mounting Holes
ø.312 (7.92) Clearance top and bottom
ECS65
Models and Ratings
Mechanical Details
Derating Curve - ECS65 Models
Notes
1. All dimensions in inches (mm).
Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
2. Weight: 0.386 lbs (175 g)
J1 mates with Molex Housing PN 09-50-1031, J2 mates with
Molex Housing PN 09-50-1041 and both with Molex Series 5194
Crimp Terminals
Notes
Input Connector J1
Molex PN 09-65-2038
Pin 1
Line
Pin 2
Neutral
0.25” Faston
Earth
Output Connector J2
Molex PN 09-65-2048
Pin 1
+V1
Pin 2
+V1
Pin 3
RTN
Pin 4
RTN
1. For Class B radiated emissions models, add suffix -B to model number. For covered versions, add suffix ‘-C’ to model number or order part no. ECM40/60 COVER
KIT for standalone cover. Derate output power by 20% with cover. The cover is not suitable for Class II installations.
Output Power
Output Voltage
Output Current
Model Number(1)
65 W
12.0 VDC
5.4 A
ECS65US12
65 W
15.0 VDC
4.3 A
ECS65US15
65 W
18.5 VDC
3.4 A
ECS65US18
65 W
24.0 VDC
2.7 A
ECS65US24
65 W
28.0 VDC
2.3 A
ECS65US28
65 W
48.0 VDC
1.4 A
ECS65US48
40
50
80
60
70
90
100
80
90
85
275
Input Voltage (VAC)
75
40
50
80
37.5
60
70
90
100
-20
50
40
60
Ambient Temperature (
ºC)
Open Frame
30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com