Electronic Components Datasheet Search
  English  ▼

X  

ECP40UT01 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECP40UT01
Description  40 Watts ECP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP40UT01 Datasheet(HTML) 2 Page - XP Power Limited

  ECP40UT01 Datasheet HTML 1Page - XP Power Limited ECP40UT01 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
19-Feb-13
ECP40
2.75 (69.8)
0.134 (Ø 3.4)
1.75
(44.5)
2.00
(50.8)
3
1
1
4
0.91 (23.0)
0.79
(19.0)
0.06
(1.6)
0.09 (2.4)
CN1
CN2
3.00 (76.2)
0.12
(3.2)
0.12
(3.2)
3.50 (88.9)
1.75
(44.5)
0.134 (Ø 3.4)
3.25 (82.6)
3
1
1
6
2.0
(50.8)
0.86
(22.0)
CN1
CN2
0.12
(3.2)
0.12
(3.2)
0.06
(1.6)
0.09 (2.4)
Mounting holes need to be
isolated from ground
Mechanical Details
Models and Ratings
Output
Power
Output 1
Output 2
Output 3
Efficiency(2)
Model
Number
Voltage
Current
Peak(1)
Voltage
Current
Peak(1)
Voltage
Current
30 W
5.0 VDC
6.00 A
7.80 A
82%
ECP40US05
40 W
12.0 VDC
3.34 A
4.34 A
89%
ECP40US12
40 W
15.0 VDC
2.67 A
3.47 A
89%
ECP40US15
40 W
18.0 VDC
2.22 A
2.89 A
90%
ECP40US18
40 W
24.0 VDC
1.67 A
2.17 A
90%
ECP40US24
40 W
30.0 VDC
1.34 A
1.74 A
91%
ECP40US30
40 W
48.0 VDC
0.84 A
1.09 A
92%
ECP40US48
40 W
+5.0 VDC
5.00 A
7.80 A
+12.0 VDC
2.0 A
2.60 A
89%
ECP40UD01
40 W
+5.0 VDC
5.00 A
7.80 A
+15.0 VDC
1.5 A
1.95 A
90%
ECP40UD02
40 W
+5.0 VDC
5.00 A
7.80 A
+24.0 VDC
1.0 A
1.30 A
90%
ECP40UD03
40 W
+5.0 VDC
5.00 A
7.80 A
+12.0 VDC
2.0 A
2.60 A
-12.0 VDC
0.5 A
89%
ECP40UT01
40 W
+5.0 VDC
5.00 A
7.80 A
+15.0 VDC
1.5 A
1.95 A
-15.0 VDC
0.5 A
90%
ECP40UT02
40 W
+5.0 VDC
5.00 A
7.80 A
+24.0 VDC
1.0 A
1.30 A
+12.0 VDC
0.5 A
90%
ECP40UT03
40 W
+5.0 VDC
5.00 A
7.80 A
+24.0 VDC
1.0 A
1.30 A
-12.0 VDC
0.5 A
90%
ECP40UT04
1. All dimensions are in inches (mm).
2. Weight: ECP40USXX: 0.18 lbs (80 g) approx, ECP40UD/UTXX: 0.24 lbs (110 g)
CN1 mates with JST housing
VHR-3N and JST Series
SVH-21T-P1.1 crimp terminals.
CN2 mates with JST housing
VHR-4N and JST Series
SVH-21T-P1.1 crimp terminals.
CN1 mates with JST housing
VHR-3N and JST Series
SVH-21T-P1.1 crimp terminals.
CN2 mates with JST housing
VHR-6N and JST Series
SVH-21T-P1.1 crimp terminals.
Notes
1. Peak load lasting <30 s with a maximum duty cycle of 10%, average output power not to exceed nominal.
2. Typical efficiency at 230 VAC and full load at 25 °C.
3. For multiple output units, load regulation is given for load change of 10% to 100% with other outputs set to 60% adjustment load.
4. When V2 load is 15-100%
Notes
Output Connector CN2
Pin 1
+ Vout
Pin 2
+ Vout
Pin 3
- Vout
Pin 4
- Vout
Input Connector CN1
Pin 1
Neutral
Pin 2
Not Fitted
Pin 3
Line
Input Connector CN1
Pin 1
Neutral
Pin 2
Not Fitted
Pin 3
Line
Output Connector CN2
Pin 1
V2
Pin 2
V1
Pin 3
V1
Pin 4
RTN
Pin 5
RTN
Pin 6
V3
ECP40UDXX / ECP40UTXX
ECP40USXX
Mounting holes marked with
must be connected to
safety earth
Mounting holes marked with
must be connected to
safety earth



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com