Electronic Components Datasheet Search
  English  ▼

X  

ECP40UT02 Datasheet(PDF) 1 Page - XP Power Limited

Part # ECP40UT02
Description  40 Watts ECP Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECP40UT02 Datasheet(HTML) 1 Page - XP Power Limited

  ECP40UT02 Datasheet HTML 1Page - XP Power Limited ECP40UT02 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
40 Watts
•
Low Profile Design
•
Ultra Compact Size from 3” x 2” x 0.9”
•
IT & Medical Approvals
•
Single, Dual and Triple Output
•
<0.3 W No Load Input Power
•
Peak Load Capability
•
3 Year Warranty
ECP Series
Input
Input Voltage
• 85-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 0.85 A max at 115 VAC
Inrush Current
• 65 A max at 230 VAC
Power Factor
• EN61000-3-2, Class A
No Load Input Power
• <0.3 W
Earth Leakage Current
• <250 µA at 264 VAC, 60 Hz
Input Protection
• Internal T2 A/250 V fuse in line and neutral
Output
Output Voltage
• See table
Initial Set Accuracy
• Single output: ±1% at 60% load,
Multiple output: ±1% on V1, ±5% on V2
& V3 at 60% load
Minimum Load
• 10% minimum load required on V1 & V2
of multi output versions
Start Up Delay
• 1.3 s max
Start Up Rise Time
• 15 ms typical
Hold Up Time
• 10 ms min at full load at 115 VAC
Line Regulation
• ±0.5% max
Load Regulation
• V1 & V3: ±2%, V2: ±4% (see note 3)
Cross Regulation
• V2: 5%, 10-100% load change on V1
(see note 4)
Transient Response
• 4% max deviation, recovering to less than
1% within 500 µs for 50% step load
change at 1 A/µs
Ripple & Noise
• 1% pk-pk, measured with 20 MHz
bandwidth
Overvoltage Protection
• 110-140% of nominal output voltage
on V1 only, recycle input to reset
Overload Protection
• Single output: 140-160% of nominal power
Multiple output: 120-150% of nominal power
on V1 and V2 only
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• ±0.02%/°C max
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 4000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 40-130 kHz variable
MTBF
• >400 kHrs to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• -10 °C to +70 °C, derate from 100% load
at 50 °C to 50% load at 70 °C
Cooling
• Natural convection
Operating Humidity
• 5% to 95% RH, non condensing
Storage Temperature
• -40 °C to +85 °C
Shock
• 30 g pk, half sine, 6 axes
Vibration
• 2 g rms, 5 Hz to 500 Hz, 3 axes
EMC & Safety
Emissions
• EN55022, level B conducted & radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, ±4 kV indirect contact,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 2, Perf Criteria A
EFT / Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
Safety Approvals
• EN60950-1, cUL60950, IEC60950-1,
EN60601-1, cUL60601-1, IEC60601-1


Similar Part No. - ECP40UT02

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
ECP4PKG SWITCH-ECP4PKG Datasheet
875Kb / 4P
EH Series Audio/Video/Data CONNECTORS
More results

Similar Description - ECP40UT02

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APC12 ASTEC-APC12 Datasheet
183Kb / 2P
40 Watts
LPS40 ASTEC-LPS40 Datasheet
84Kb / 3P
40 Watts
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
40 Watts
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
40 Watts
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
40 Watts
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
40 Watts
logo
XP Power Limited
ECP60UD01 XPPOWER-ECP60UD01 Datasheet
391Kb / 2P
60 Watts ECP Series
JCK4012S3V3 XPPOWER-JCK4012S3V3 Datasheet
135Kb / 2P
40 Watts JCK Series
JTL4024S3V3 XPPOWER-JTL4024S3V3 Datasheet
250Kb / 2P
40 Watts JTL Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com