Electronic Components Datasheet Search
  English  ▼

X  

CJS8810 Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJS8810
Description  Plastic-Encapsulate MOSFETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJS8810 Datasheet(HTML) 1 Page - ZP Semiconductor

  CJS8810 Datasheet HTML 1Page - ZP Semiconductor CJS8810 Datasheet HTML 2Page - ZP Semiconductor CJS8810 Datasheet HTML 3Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TSSOP8 Plastic-Encapsulate MOSFETS
CJS8810
Dual N-Channel MOSFET
DESCRIPTION
The CJS8810 uses advanced trench technology to provide excellent
RDS(ON) and low gate charge. It is ESD protected. This device is suitable
for use as a uni-directional or bi-directional load switch,facilitated by its
common-drain configuration.
MARKING:
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current
ID
7
A
Pulsed Drain Current
IDM *
30
A
Thermal Resistance from Junction to Ambient
RθJA
125
℃/W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-55~+150
℃
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
TL
260
℃
*Repetitive rating:Pluse width limited by junction temperature.
TSSOP8
1 of 3
sales@zpsemi.com
www.zpsemi.com
CJS8810


Similar Part No. - CJS8810

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJS8810 JIANGSU-CJS8810 Datasheet
1,001Kb / 5P
Dual N-Channel MOSFET
logo
Comchip Technology
CJS8810-HF COMCHIP-CJS8810-HF Datasheet
159Kb / 5P
MOSFET
More results

Similar Description - CJS8810

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8820 HOTTECH-8820 Datasheet
1Mb / 4P
Plastic-Encapsulate Mosfets
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJU01N65B ZPSEMI-CJU01N65B Datasheet
695Kb / 3P
Plastic-Encapsulate MOSFETS
logo
DONGGUAN YOU FENG WEI E...
2N7002KV YFWDIODE-2N7002KV Datasheet
1Mb / 4P
Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com