Electronic Components Datasheet Search
  English  ▼

X  

LM135AH Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM135AH
Description  Precision Temperature Sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM135AH Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM135AH Datasheet HTML 5Page - National Semiconductor (TI) LM135AH Datasheet HTML 6Page - National Semiconductor (TI) LM135AH Datasheet HTML 7Page - National Semiconductor (TI) LM135AH Datasheet HTML 8Page - National Semiconductor (TI) LM135AH Datasheet HTML 9Page - National Semiconductor (TI) LM135AH Datasheet HTML 10Page - National Semiconductor (TI) LM135AH Datasheet HTML 11Page - National Semiconductor (TI) LM135AH Datasheet HTML 12Page - National Semiconductor (TI) LM135AH Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Typical Applications (Continued)
Single Power Supply Cold Junction Compensation
DS005698-11
*Select R3 and R4 for thermocouple type
THERMO-
R3
R4
SEEBECK
COUPLE
COEFFICIENT
J
1.05K
385
Ω
52.3 µV/˚C
T
856
Ω
315
Ω
42.8 µV/˚C
K
816
Ω
300
Ω
40.8 µV/˚C
S
128
Ω
46.3
Ω
6.4 µV/˚C
Adjustments:
1. Adjust R1 for the voltage across R3 equal to the Seebeck Coefficient times ambient temperature in degrees Kelvin.
2. Adjust R2 for voltage across R4 corresponding to thermocouple
J
14.32 mV
T
11.79 mV
K
11.17 mV
S
1.768 mV
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com