Electronic Components Datasheet Search
  English  ▼

X  

BA2115F Datasheet(PDF) 1 Page - Rohm

Part # BA2115F
Description  Low Noise Operational Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2115F Datasheet(HTML) 1 Page - Rohm

  BA2115F Datasheet HTML 1Page - Rohm BA2115F Datasheet HTML 2Page - Rohm BA2115F Datasheet HTML 3Page - Rohm BA2115F Datasheet HTML 4Page - Rohm BA2115F Datasheet HTML 5Page - Rohm BA2115F Datasheet HTML 6Page - Rohm BA2115F Datasheet HTML 7Page - Rohm BA2115F Datasheet HTML 8Page - Rohm BA2115F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
www.rohm.com
TSZ02201-0RAR0G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
1/31
11.Nov.2014 Rev.002
TSZ22111・14・00
Operational Amplifiers
Low Noise Operational Amplifiers
BA2107G BA2115xxx
General Description
The BA2107/BA2115 are single and dual operational
amplifier with high gain and high slew rate(4v/µs).
The BA2107/BA2115 have good performance of input
referred noise voltage(7
Hz
nV/
) and total harmonic
distortion(0.008%). These are suitable for Audio
applications.
Features
High Voltage Gain
Low Input Referred Noise Voltage
Low Total Harmonic Distortion
Wide Operating Supply Voltage
Application
Audio Application
Potable Equipment
Consumer Electronics
Key Specification
Wide Operating Supply Voltage
(split supply):
±1.0V to ±7.0V
Operating Temperature Range:
-40°C to +85°C
Slew Rate:
4V/µs(Typ)
Total Harmonic Distortion :
0.008%(Typ)
Input Referred Noise Voltage :
7
Hz
nV/
(Typ)
Packages
W(Typ)xD(Typ) xH(Max)
SSOP5
2.90mm x 2.80mm x 1.25mm
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
MSOP8
2.90mm x 4.00mm x 0.90mm
Simplified Schematic
○
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
Figure 1. Simplified Schematic
-
IN
+
IN
VOUT
VCC
VEE
OUT
VCC
-IN
+IN
VEE
Datasheet


Similar Part No. - BA2115F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2115F ROHM-BA2115F Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA2115F ROHM-BA2115F Datasheet
1Mb / 49P
Low Noise Operational Amplifiers
BA2115F ROHM-BA2115F Datasheet
957Kb / 49P
Low Noise Operational Amplifiers
BA2115F ROHM-BA2115F Datasheet
952Kb / 50P
Low Noise Operational Amplifiers
BA2115F ROHM-BA2115F Datasheet
963Kb / 49P
Low Noise Operational Amplifiers
More results

Similar Description - BA2115F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA4558XXX ROHM-BA4558XXX Datasheet
561Kb / 29P
Low Noise Operational Amplifiers
4.SEP.2012 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com