Electronic Components Datasheet Search
  English  ▼

X  

BA4560FVT Datasheet(PDF) 37 Page - Rohm

Part # BA4560FVT
Description  Low Noise Operational Amplifiers
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560FVT Datasheet(HTML) 37 Page - Rohm

Back Button BA4560FVT Datasheet HTML 33Page - Rohm BA4560FVT Datasheet HTML 34Page - Rohm BA4560FVT Datasheet HTML 35Page - Rohm BA4560FVT Datasheet HTML 36Page - Rohm BA4560FVT Datasheet HTML 37Page - Rohm BA4560FVT Datasheet HTML 38Page - Rohm BA4560FVT Datasheet HTML 39Page - Rohm BA4560FVT Datasheet HTML 40Page - Rohm BA4560FVT Datasheet HTML 41Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
37/48
19.Nov.2014 Rev.003
TSZ22111・15・00
BA4560xxx BA4560Rxxx BA4564RFV BA4564WFV
Power Dissipation
Power dissipation(total loss) indicates the power that can be consumed by IC at TA =25℃(normal temperature). IC is
heated when it consumed power, and the temperature of IC chip becomes higher than ambient temperature. The
temperature that can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable
power is limited. Power dissipation is determined by the temperature allowed in IC chip(maximum junction temperature) and
thermal resistance of package(heat dissipation capability). The maximum junction temperature is typically equal to the
maximum value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin
or lead
frame of the package. The parameter which indicates this heat dissipation capability(hardness of heat release)is called
thermal resistance, represented by the symbol θJA℃/W. The temperature of IC inside the package can be estimated by this
thermal resistance. Figure 94.(a) shows the model of thermal resistance of the package. Thermal resistance θJA, ambient
temperature TA, junction temperature TJMAX, and power dissipation PD can be calculated by the equation below:
θJA = (TJMAX - TA) / PD
℃
/W
Derating curve in Figure 94. (b) indicates power that can be consumed by IC with reference to ambient temperature. Power
that can be consumed by IC with reference to ambient temperature. Power that can be consumed by IC begins to attenuate
at certain ambient temperature. This gradient is determined by thermal resistance θJA. Thermal resistance θJA depends on
chip size, power consumption, package, ambient temperature, package condition, wind velocity, etc even when the same of
package is used. Thermal reduction curve indicates a reference value measured at a specified condition. Figure 95.(c), to ,
(e) show a derating curve for an example of BA4560xxx, BA4560Rxxx, BA4564RFV, BA4564WFV.
(Note 17)
(Note 18)
(Note 19)
(Note 20)
(Note 21)
Unit
5.5
5.4
5.0
4.7
7.0
mW/℃
When using the unit above TA=25℃, subtract the value above per degree℃. Permissible dissipation is the value.
Permissible dissipation is the value when FR4 glass epoxy board 70mm ×70mm ×1.6mm (cooper foil area below 3%) is mounted.
Figure 95. Derating Curve
Figure 94. Thermal Resistance and Derating Curve
θJA=(TJmax-TA)/ PD °C/W
Ambient Temperature TA [ °C ]
Chip Surface Temperature TJ [ °C ]
(a) Thermal Resistance
(b) Derating Curve
Ambient Temperature TA [ °C ]
Power Dissipation of LSI [W]
PD(max)
θJA2 < θJA1
θ’JA1
θJA1
TJ’max
0
50
75
100
125
150
25
P1
P2
TJmax
θ’JA2 θ
JA2
0
0.2
0.4
0.6
0.8
1
0
25
50
75
100
125
AMBIENT TEMPERTURE [℃] .
0
0.2
0.4
0.6
0.8
1
0
25
50
75
100
125
AMBIENT TEMPERATURE TA [℃] .
0
0.2
0.4
0.6
0.8
1
0
25
50
75
100
125
AMBIENT TEMPERTURE [℃] .
BA4564RFV/WFV(Note 21)
(c)BA4560xxx
(d)BA4560Rxxx
(e)BA4564RFV/BA4564WFV
AMBIENT TEMPERATURE TA[℃]
AMBIENT TEMPERATURE TA [℃]
BA4560F(Note 17)
BA4560FV/FVT(Note 19)
BA4560FVM(Note 20)
BA4560FJ(Note 18)
BA4560F(Note 17)
BA4560FV/FVT(Note 19)
BA4560FVM(Note 20)
BA4560FJ(Note 18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com