Electronic Components Datasheet Search
  English  ▼

X  

KTC4370A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # KTC4370A
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

KTC4370A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  KTC4370A Datasheet HTML 1Page - Inchange Semiconductor Company Limited KTC4370A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
KTC4370A
DESCRIPTION
·
High Collector-Emitter Breakdown Voltage
VCEO= 180V(Min)
·
Complement to Type KTA1659A
APPLICATIONS
·
Designed for high voltage applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
180
V
VCEO
Collector-Emitter Voltage
180
V
VEBO
Emitter-Base Voltage
5.0
V
IC(DC)
Collector Current(DC)
1.5
A
IB(DC)
Base Current
0.15
A
PC
Collector Power Dissipation
@TC=25℃
20
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃


Similar Part No. - KTC4370A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4370A KEC-KTC4370A Datasheet
122Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
logo
Jiangsu Changjiang Elec...
KTC4370A JIANGSU-KTC4370A Datasheet
994Kb / 2P
TO-220F Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTC4370A-O KEXIN-KTC4370A-O Datasheet
440Kb / 1P
NPN Transistors
KTC4370A-Y KEXIN-KTC4370A-Y Datasheet
440Kb / 1P
NPN Transistors
KTC4370A KEXIN-KTC4370A_15 Datasheet
440Kb / 1P
NPN Transistors
More results

Similar Description - KTC4370A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com