Electronic Components Datasheet Search
  English  ▼

X  

183NQ080 Datasheet(PDF) 1 Page - International Rectifier

Part # 183NQ080
Description  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

183NQ080 Datasheet(HTML) 1 Page - International Rectifier

  183NQ080 Datasheet HTML 1Page - International Rectifier 183NQ080 Datasheet HTML 2Page - International Rectifier 183NQ080 Datasheet HTML 3Page - International Rectifier 183NQ080 Datasheet HTML 4Page - International Rectifier 183NQ080 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Major Ratings and Characteristics
Description/ Features
The 183NQ high current Schottky rectifier module series has
been optimized for low reverse leakage at high temperature.
The proprietary barrier technology allows for reliable opera-
tion up to 175° C junction temperature. Typical applications
are in switching power supplies, converters, free-wheeling
diodes, and reverse battery protection.
175° C T
J operation
Unique high power, Half-Pak module
Replaces three parallel DO-5's
Easier to mount and lower profile than DO-5's
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
I
F(AV) Rectangular
180
A
waveform
V
RRM range
80 to 100
V
I
FSM @ tp = 5 µs sine
22,000
A
V
F
@180Apk,T
J=125°C
0.75
V
T
J
range
- 55 to 175
°C
Characteristics
183NQ...
Units
SCHOTTKY RECTIFIER
180 Amp
183NQ...(R) SERIES
Bulletin PD-2.256 rev. B 05/02
1
www.irf.com
D-67
Outline D-67 HALF PAK Module
Dimensions in millimeters and (inches)
183NQ100
Lug Terminal Anode
Base Cathode
183NQ100R
Lug Terminal Cathode
Base Anode


Similar Part No. - 183NQ080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
183NQ080 MICROSEMI-183NQ080 Datasheet
117Kb / 2P
180 Amp Schottky Rectifier
logo
Sangdest Microelectroni...
183NQ080 SMC-183NQ080 Datasheet
184Kb / 4P
Unique high power, Half-Pak module
183NQ080-1 SMC-183NQ080-1 Datasheet
306Kb / 4P
SCHOTTKY RECTIFIER
183NQ080-1 SMC-183NQ080-1 Datasheet
184Kb / 4P
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
logo
SMC Diode Solutions Co....
183NQ080-1 SMCDIODE-183NQ080-1 Datasheet
340Kb / 5P
SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - 183NQ080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com