Electronic Components Datasheet Search
  English  ▼

X  

LPT51 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPT51
Description  Total Power: 47 - 55 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPT51 Datasheet(HTML) 2 Page - Artesyn Technologies

  LPT51 Datasheet HTML 1Page - Artesyn Technologies LPT51 Datasheet HTML 2Page - Artesyn Technologies LPT51 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LPT50 Series Data Sheet
Ordering Information
Model Number
Output Voltage
Minimum Load
Maximum Load with
Convection Cooling
Peak Load1
Regulation2
Ripple
P/P (PARD)3
LPT51
+3.3 V
+5 V
+12 V
0.8 A
0.1 A
0 A
8 A
3 A
0.5 A
9 A
4 A
1 A
±2%
±6%
±5%
50 mV
50 mV
120 mV
LPT52
+5 V
+12 V
-12 V
0.5 A
0.1 A
0 A
8 A
3 A
0.5 A
9 A
4 A
1 A
±2%
±5%
±5%
50 mV
120 mV
120 mV
LPT53
+5 V
+15 V
-15 V
0.5 A
0.1 A
0 A
8 A
2.4 A
0.5 A
9 A
3.2 A
0.7 A
±2%
±5%
±5%
50 mV
150 mV
150 mV
LPT54
+5 V
+24 V
+12 V
0.5 A
0.1 A
0 A
8 A
1.5 A
0.5 A
9 A
2 A
0.7 A
±2%
±7%
±5%
50 mV
240 mV
120 mV
Pin Assignments
Connector
LPT51
LPT52
LPT53
LPT54
SK1-1
Neutral
Neutral
Neutral
Neutral
SK1-3
Line
Line
Line
Line
SK2-1
+3.3 V
+5 V
+5 V
+5 V
SK2-2
+3.3 V
+5 V
+5 V
+5 V
SK2-3
Common
Common
Common
Common
SK2-4
Common
Common
Common
Common
SK2-5
+12 V
-12 V
-15 V
+12 V
SK2-6
5 V
+12 V
+15 V
+24 V
Mating Connectors
AC Input
Molex 09-50-8031 (USA)
09-91-0300 (UK)
PINS: 08-52-0113
DC Outputs
Molex 09-50-8061 (USA)
09-91-0600 (UK)
PINS: 08-52-0113
Artesyn Embedded Technologies Connector Kit #70-841-006, includes all of the above
1. Peak current lasting < 15 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF (tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. This product is a Component Power Supply and is only for inclusion by professional installers within other equipment and must not be operated as
a standalone product. EMC compliance to appropriate standards must be verified at the system level. This product is for sale to OEMs and System
Integrators, including through Distribution Channels. It is not intended for sale to End Users.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com