Electronic Components Datasheet Search
  English  ▼

X  

LPS203-M Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPS203-M
Description  Total Power: 125 - 250 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS203-M Datasheet(HTML) 1 Page - Artesyn Technologies

  LPS203-M Datasheet HTML 1Page - Artesyn Technologies LPS203-M Datasheet HTML 2Page - Artesyn Technologies LPS203-M Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LPS200-M Series
250 Watts
Total Power: 125 - 250 Watts
Input Voltage: 90 - 264 Vac
# of Outputs: Single
SPECIAL FEATURES
ƒ
Medical and ITE safeties
ƒ
Active power factor correction
ƒ
3” x 5” footprint
ƒ
Less than 1U high
ƒ
EN61000-3-2 compliant
ƒ
Remote sense
ƒ
Power fail
ƒ
Adjustable main output
ƒ
Built-in Class B EMI filter
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
Isolated 12 V Fan output
ƒ
LPX200 enclosure kit available
ƒ
RoHS compliant
SAFETY
ƒ
TUV
60950, 60601-1
ƒ
UL
60950, 60601-1
ƒ
cULus
60950, 60601-1
ƒ
CB
Certificate & report
ƒ
CE
Mark (LVD)
Electrical Specifications
Input
Input range
90 - 264 Vac; 120 - 300 Vdc
Frequency
47 - 63 Hz
Inrush current
50 A max., cold start @ 25 °C
Efficiency
86% typical at full load
EMI/RFI
FCC Class B conducted; CISPR22 Class B conducted;
EN55022 Class B conducted; VDE0878PT3 Class B conducted
Power factor
0.99 typical
Safety ground
leakage current
275 µA @ 50/60 Hz, 264 Vac input
Output
Maximum power
125 W for convection (100 W for LPS202-M); 250 W (200 W for
LPS202-M) with 30CFM forced air
Adjustment range
± 10% minimum on the main outputs
Fan output
12 V @ 0.5 A convection, @ 1 A forced air isolated, ± 10%
Hold-up time
16 ms @ 250 W load, 120 Vac input
Overload protection
Short circuit protection on all outputs. Case overload protected @
110 - 160% above rating
Overvoltage protection
15 - 50% above nominal output
Logical Control
Power failure
Open collector logic signal goes high 100 - 500 msec after main output;
it goes low at least 6 msec before loss of regulation
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote
sense connected. Reverse connection protected.
Data Sheet


Similar Part No. - LPS203-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS203-M EMERSON-NETWORKPOWER-LPS203-M Datasheet
757Kb / 3P
Medical and ITE safeties
LPS203-M EMERSON-NETWORKPOWER-LPS203-M Datasheet
791Kb / 3P
Medical and ITE safeties
LPS203-M EMERSON-NETWORKPOWER-LPS203-M Datasheet
517Kb / 3P
Medical and ITE safeties
LPS203-M EMERSON-NETWORKPOWER-LPS203-M Datasheet
517Kb / 3P
250 Watts Medical and ITE safeties
logo
Advanced Energy Industr...
LPS203-M ADVANCEDENERGY-LPS203-M Datasheet
709Kb / 6P
250 Watts
04.24.22
More results

Similar Description - LPS203-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIH50Y300 ARTESYN-AIH50Y300 Datasheet
485Kb / 2P
Total Power: 250 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
Total Power: 75 Watts
LDO10C-005W05-VJ ARTESYN-LDO10C-005W05-VJ Datasheet
748Kb / 4P
Total Power: 50 Watts
LPS252-C ARTESYN-LPS252-C Datasheet
492Kb / 3P
Total Power: 250 Watts
LPQ252-C ARTESYN-LPQ252-C Datasheet
704Kb / 4P
Total Power: 250 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com