Electronic Components Datasheet Search
  English  ▼

X  

LPS52 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPS52
Description  Total Power: 55 - 60 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS52 Datasheet(HTML) 2 Page - Artesyn Technologies

  LPS52 Datasheet HTML 1Page - Artesyn Technologies LPS52 Datasheet HTML 2Page - Artesyn Technologies LPS52 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LPS50 Series Data Sheet
Environmental Specifications
Operating temperature
0° to 50 °C ambient derate each output 2.5% per degree from 50° to 70 °C. -20 °C start up.
For LPS52(-I) and LPS53(-I) -40 °C to 80 °C derate each output 2.5% per degree from 50° to 80 °C
Storage temperature
-40 °C to +85 °C
Electromagnetic susceptibility
Designed to meet IEC61000-4-2, -4-3, -4-4, -4-5, -4-6, -4-8, -4-11 Level 3
Humidity
Operating; non-condensing 10% to 95% RH
Vibration
IEC68-2-6 to the levels of IEC721-3-2
MTBF demonstrated
>550,000 hours at full load and 25 °C ambient conditions
Mechanical Drawings
3.73"
[94.7]
4.00"
[101.6]
0.16"
[4.0]
R22
SK1
TH1
C1
F2
L1
F1
C5
L3
DB1
C32
C24
C30
C17
C9
C18
Q6
T1
D4
R1
LED1
D2
T2
C22
SK2
C27
R3A
R3
Q5
L2
VR1
T3.15A 2.5A
250VAC
2005
+
GRN/
YEL
~
~
B
A
HTSK_SEC
C4
1
TP1
J
I
J3
F
H
J2
E
G
J1
D
TP2
J4
Mounting Hole
Ø0.16"[4.0] 4 Places
GND
3
1
M1
04272000202X-JA
6
1
VR1
Output Voltage
Adjust Pot
M2
Max. Screw Head
Diamater .22”(5.6)
0.197” (5.0) Minimum Standoff Height



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com