Electronic Components Datasheet Search
  English  ▼

X  

LPS41 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPS41
Description  Total Power: 40 - 55 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS41 Datasheet(HTML) 1 Page - Artesyn Technologies

  LPS41 Datasheet HTML 1Page - Artesyn Technologies LPS41 Datasheet HTML 2Page - Artesyn Technologies LPS41 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
LPS40 Series
40 Watts
Total Power: 40 - 55 Watts
Input Voltage: 85 - 264 Vac
120 - 300 Vdc
# of Outputs: Single
SPECIAL FEATURES
ƒ
Universal input
ƒ
3” x 5” footprint
ƒ
Less than 1U high
ƒ
Remote sense
ƒ
Built-in EMI filter
ƒ
Low output ripple
ƒ
Adjustable output
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
110 KHz switching frequency
ƒ
LPX40 enclosure kit available
ƒ
RoHS compliant
SAFETY
ƒ
cUL
60950
E132002
ƒ
CSA
CSA 22.2-234 Level 3
LR53982C
ƒ
NEMKO EN 60950/EMKO-TUE
P94100375 (74-sec) 203
ƒ
CB
Certificate and report
1119, 1125, 1126, 1127
ƒ
CE Mark
(LVD)
Electrical Specifications
Input
Input range
85 - 264 Vac; 120 - 300 Vdc
Frequency
47 - 440 Hz
Inrush current
< 18 A peak @ 115 Vac; < 36 A peak @ 230 Vac, cold start @
25 °C
Input current
1 A max. (RMS) @ 115 Vac
Efficiency
70% typical at full load
EMI filter
FCC Class B conducted; CISPR 22 Class B conducted;
EN55022 Class B conducted; VDE 0878 PT3 class B conducted
Safety ground leakage current
< 0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
40 W for convection; 55 W with 30CFM forced air
Adjustment range
-5, +10% minimum
Hold-up time
20 ms @ 40 W load, 115 VAC nominal line
Overload protection
Short circuit protection on all outputs
Case overload protected @ 110-145% above peak rating
Overvoltage protection
5 V output; 5.7 to 6.7 Vdc. Other outputs 10% to 25% above
nominal output
Remote sense
Compensates for 0.5 V lead drop minimum
Will operate without remote sense connected
Reverse connection protected
Data Sheet


Similar Part No. - LPS41

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS41 ASTEC-LPS41 Datasheet
84Kb / 3P
40 Watts
logo
Emerson Network Power
LPS41 EMERSON-NETWORKPOWER-LPS41 Datasheet
124Kb / 3P
Universal input
logo
Astec America, Inc
LPS41-T ASTEC-LPS41-T Datasheet
84Kb / 3P
40 Watts
logo
Emerson Network Power
LPS41-T EMERSON-NETWORKPOWER-LPS41-T Datasheet
124Kb / 3P
Universal input
LPS41 EMERSON-NETWORKPOWER-LPS41_09 Datasheet
314Kb / 3P
Universal input
More results

Similar Description - LPS41

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AEE08F18-L ARTESYN-AEE08F18-L Datasheet
1Mb / 3P
Total Power: 40 Watts
LPT51 ARTESYN-LPT51 Datasheet
678Kb / 3P
Total Power: 47 - 55 Watts
LPT41 ARTESYN-LPT41 Datasheet
1Mb / 4P
Total Power: 44 - 55 Watts
LPT22 ARTESYN-LPT22 Datasheet
1Mb / 4P
Total Power: 25 - 40 Watts
LPS52-M ARTESYN-LPS52-M Datasheet
849Kb / 3P
Total Power: 55 - 60 Watts
LPS52 ARTESYN-LPS52 Datasheet
830Kb / 3P
Total Power: 55 - 60 Watts
LPS22 ARTESYN-LPS22 Datasheet
709Kb / 3P
Total Power: 25 - 40 Watts
LPT51-M ARTESYN-LPT51-M Datasheet
674Kb / 3P
Total Power: 47 - 55 Watts
NPT42-M ARTESYN-NPT42-M Datasheet
646Kb / 3P
Total Power: 45 - 55 Watts
NPS42-M ARTESYN-NPS42-M Datasheet
644Kb / 3P
Total Power: 40 - 60 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com