Electronic Components Datasheet Search
  English  ▼

X  

AD9952 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9952
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9952 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9952 Datasheet HTML 12Page - Analog Devices AD9952 Datasheet HTML 13Page - Analog Devices AD9952 Datasheet HTML 14Page - Analog Devices AD9952 Datasheet HTML 15Page - Analog Devices AD9952 Datasheet HTML 16Page - Analog Devices AD9952 Datasheet HTML 17Page - Analog Devices AD9952 Datasheet HTML 18Page - Analog Devices AD9952 Datasheet HTML 19Page - Analog Devices AD9952 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD9952
Rev. 0 | Page 16 of 28
Control Register Bit Descriptions
Control Function Register No. 1 (CFR1)
The CFR1 is used to control the various functions, features,
and modes of the AD9952. The functionality of each bit is
detailed below.
CFR1<31:27>: Not Used
CFR1<26>: Amplitude Ramp Rate Load Control Bit
CFR1<26> = 0 (default). The amplitude ramp rate timer is
loaded only upon timeout (timer == 1) and is not loaded due to
an I/O UPDATE input signal.
CFR1<26> = 1. The amplitude ramp rate timer is loaded upon
timeout (timer == 1) or at the time of an I/O UPDATE input signal.
CFR1<25>: Shaped On-Off Keying Enable Bit
CFR1<25> = 0 (default). Shaped on-off keying is bypassed.
CFR1<25> = 1. Shaped on-off keying is enabled. When enabled,
CFR1<24> controls the mode of operation for this function.
CFR1<24>: Auto Shaped On-Off Keying Enable Bit (Only Valid
when CFR1<25> Is Active High)
CFR1<24> = 0 (default). When CFR1<25> is active, a Logic 0
on CFR1<24> enables the manual shaped on-off keying opera-
tion. Each amplitude sample sent to the DAC is multiplied by
the amplitude scale factor. See the Shaped On-Off Keying sec-
tion for details.
CFR1<24> = 1. When CFR1<25> is active, a Logic 1 on
CFR1<24> enables the auto shaped on-off keying operation.
Toggling the OSK pin high will cause the output scalar to ramp
up from zero scale to the amplitude scale factor at a rate deter-
mined by the amplitude ramp rate. Toggling the OSK pin low
will cause the output to ramp down from the amplitude scale
factor to zero scale at the amplitude ramp rate. See the Shaped
On-Off Keying section for details.
CFR1<23>: Automatic Synchronization Enable Bit
CFR1<23> = 0 (default). The automatic synchronization feature
of multiple AD9952s is inactive.
CFR1<23> = 1. The automatic synchronization feature of mul-
tiple AD9952s is active. The device will synchronize its internal
synchronization clock (SYNC_CLK) to align to the signal pre-
sent on the SYNC_IN input. See the Synchronizing Multiple
AD9952s section for details.
CFR1<22>: Software Manual Synchronization of Multiple
AD9952s.
CFR1<22> = 0 (default). The manual synchronization feature is
inactive.
CFR1<22> = 1. The software controlled manual synchroniza-
tion feature is executed. The SYNC_CLK rising edge is
advanced by one SYNC_CLK cycle and this bit is cleared. To
advance the rising edge multiple times, this bit needs to be set
for each advance. See the Synchronizing Multiple AD9952s sec-
tion for details.
CFR1<21:14>: Not Used
CFR1<13>: Auto-Clear Phase Accumulator Bit
CFR1<13> = 0 (default). The current state of the phase accumu-
lator remains unchanged when the frequency tuning word is
applied.
CFR1<13> = 1. This bit automatically synchronously clears
(loads 0s into) the phase accumulator for one cycle upon recep-
tion of an I/O UPDATE signal.
CFR1<12>: Sine/Cosine Select Bit
CFR1<12> = 0 (default). The angle-to-amplitude conversion
logic employs a COSINE function.
CFR1<12> = 1. The angle-to-amplitude conversion logic
employs a SINE function.
CFR1<11>: Not Used
CFR1<10>: Clear Phase Accumulator
CFR1<10> = 0 (default). The phase accumulator functions as
normal.
CFR1<10> = 1. The phase accumulator memory elements are
cleared and held clear until this bit is cleared.
CFR1<9>: SDIO Input Only
CFR1<9> = 0 (default). The SDIO pin has bidirectional opera-
tion (2-wire serial programming mode).
CFR1<9> = 1. The serial data I/O pin (SDIO) is configured as
an input only pin (3-wire serial programming mode).
CFR1<8>: LSB First
CFR1<8> = 0 (default). MSB first format is active.
CFR1<8> = 1. The serial interface accepts serial data in LSB first
format.
CFR1<7>: Digital Power-Down Bit
CFR1<7> = 0 (default). All digital functions and clocks are active.
CFR1<7> = 1. All non-IO digital functionality is suspended,
lowering the power significantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com