Electronic Components Datasheet Search
  English  ▼

X  

ADC12040 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12040
Description  12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12040 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12040 Datasheet HTML 1Page - National Semiconductor (TI) ADC12040 Datasheet HTML 2Page - National Semiconductor (TI) ADC12040 Datasheet HTML 3Page - National Semiconductor (TI) ADC12040 Datasheet HTML 4Page - National Semiconductor (TI) ADC12040 Datasheet HTML 5Page - National Semiconductor (TI) ADC12040 Datasheet HTML 6Page - National Semiconductor (TI) ADC12040 Datasheet HTML 7Page - National Semiconductor (TI) ADC12040 Datasheet HTML 8Page - National Semiconductor (TI) ADC12040 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ADC12040
12-Bit, 40 MSPS, 340 mW A/D Converter with Internal
Sample-and-Hold
General Description
The ADC12040 is a monolithic CMOS analog-to-digital con-
verter capable of converting analog input signals into 12-bit
digital words at 40 Megasamples per second (MSPS), mini-
mum. This converter uses a differential, pipeline architecture
with digital error correction and an on-chip sample-and-hold
circuit to minimize die size and power consumption while
providing excellent dynamic performance. Operating on a
single 5V power supply, this device consumes just 340 mW
at 40 MSPS, including the reference current. The Power
Down feature reduces power consumption to 40 mW.
The differential inputs provide a full scale input swing equal
to V
REF with the possibility of a single-ended input. Full use
of the differential input is recommended for optimum perfor-
mance. For ease of use, the buffered, high impedance,
single-ended reference input is converted on-chip to a differ-
ential reference for use by the processing circuitry. Output
data format is 12-bit offset binary.
This device is available in the 32-lead LQFP package and
will operate over the industrial temperature range of −40˚C to
+85˚C.
Features
n
Single supply operation
n
Internal sample-and-hold
n
Outputs 2.5V to 5V compatible
n
TTL/CMOS compatible input/outputs
n
Low power consumption
n
Power down mode
n
On-chip reference buffer
Key Specifications
n
Resolution
12 Bits
n
Conversion Rate
40 MSPS (min)
n
DNL
±0.4 LSB (typ)
n
INL
±0.7 LSB (typ)
n
SNR (f
IN = 10MHz)
69 dB (typ)
n
ENOB (f
IN = 10MHz)
11.2 bits (typ)
n
Data Latency
6 Clock Cycles
n
Supply Voltage
+5V ±5%
n
Power Consumption, 40 MHz
340 mW (typ)
Applications
n
Ultrasound and Imaging
n
Instrumentation
n
Cellular Base Stations/Communications Receivers
n
Sonar/Radar
n
xDSL
n
Wireless Local Loops/Cable Modems
n
HDTV/DTV
n
DSP Front Ends
Connection Diagram
20014801
June 2003
© 2003 National Semiconductor Corporation
DS200148
www.national.com


Similar Part No. - ADC12040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12040 NSC-ADC12040 Datasheet
884Kb / 19P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040 Datasheet
1Mb / 30P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI2-ADC12040 Datasheet
1Mb / 32P
ADC12040 12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
REVISED MARCH 2013
More results

Similar Description - ADC12040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12020 NSC-ADC12020 Datasheet
621Kb / 23P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040 TI1-ADC12040_14 Datasheet
1Mb / 30P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12L063 TI1-ADC12L063_14 Datasheet
1Mb / 31P
12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com