Electronic Components Datasheet Search
  English  ▼

X  

SL32 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SL32
Description  3A SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SL32 Datasheet(HTML) 1 Page - Frontier Electronics.

  SL32 Datasheet HTML 1Page - Frontier Electronics. SL32 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL32 THRU SL34 SPECIFICATION
Rev. A
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
3A SCHOTTKY BARRIER RECTIFIERS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS (TA =25°C UNLESS OTHERWISE NOTED ) AND ELECTRICAL CHARACTERISTICS
RATING
SYMBOL
V
A
L
U
E
UNITS
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
1, SEE FIG.1
n
IO
3.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
80
A
TYPICAL THERMAL RESISTANCE (NOTE 2)
R
θjL
17
°C/W
TYPICAL THERMAL RESISTANCE (NOTE 2)
R
θjA
55
°C/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO +150
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO +125
°C
MAXIMUM REVERSE CURRENT AT 25°C
IR
1.0
mA
PART NUMBER
MAX RECURRENT PK REVERSE
VOLTAGE/DC BLOCKING VRRM/VR (V)
MAX
VRMS (V)
MAXIMUM FORWARD VOLTAGE @3A, 25°C
VF(V)
1
SL32
20
14
0.38
SL33
30
21
0.40
SL34
40
28
0.40
NOTE︰ 1. PULSE TEST : 300μS PULSE WIDTH , 1% DUTY CYCLE.
2. PCB MOUNTED 0
.55”x0.55” (14X14mm), 0.013mm THICK COPPER PAD AREAS.
3. CURRENT RATING IS BASED ON SINGLE PHASE, 1/2 WAVE, 60HZ, RESISTIVE, OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD,
DERATE CURRENT BY 20%.
PRODUCT FEATURES
1.
FLAMMABILITY CLASSIFICATION 94V-0
2.
EXTREMELY LOW VF
3.
BUILT-IN STRAIN RELIEF
4.
MAJORITY CARRIER CONDUCTION
5.
LOW FORWARD VOLTAGE/LOW PROFILE
6.
CASE: TRANSFER MOLDED, DO-214AB (SMC)
7.
DIMENSIONS IN INCHES AND (MILLIMETERS)
8.
LEADS: SOLDERABILITY PER MIL-STD-750 METHOD 2026
9.
WEIGHT: 0.21 GRAMS
10
RoHS COMPLIANT


Similar Part No. - SL32

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL32 PANJIT-SL32 Datasheet
55Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SL32 TRSYS-SL32 Datasheet
123Kb / 1P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SL32 WTE-SL32 Datasheet
40Kb / 3P
3.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SL32 FORMOSA-SL32 Datasheet
68Kb / 2P
Silicon epitaxial planer type
logo
GOOD-ARK Electronics
SL32 GOOD-ARK-SL32 Datasheet
181Kb / 2P
Surface Mount Low VF Schottky Barrier Rectifiers Reverse Voltage 20 to 40 Volts Forward Current 3.0 Amperes
More results

Similar Description - SL32

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N5820 TAITRON-1N5820 Datasheet
179Kb / 4P
3A Schottky Barrier Rectifiers
logo
Frontier Electronics.
1N5820 FRONTIER-1N5820 Datasheet
120Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
1N5820-LFR FRONTIER-1N5820-LFR Datasheet
120Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SR302 FRONTIER-SR302 Datasheet
124Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SR302-LFR FRONTIER-SR302-LFR Datasheet
124Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SR340 FRONTIER-SR340 Datasheet
381Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SR3150 FRONTIER-SR3150 Datasheet
371Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK340LFL SECOS-SK340LFL Datasheet
297Kb / 2P
40V, 3A Schottky Barrier Rectifiers
SM345FL SECOS-SM345FL Datasheet
217Kb / 2P
3A, 45V Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com