Electronic Components Datasheet Search
  English  ▼

X  

CX4HT-AT Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # CX4HT-AT
Description  Quartz Crystal Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX4HT-AT Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  CX4HT-AT Datasheet HTML 1Page - IQD Frequency Products Ltd CX4HT-AT Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CX4HT AT
Quartz Crystal Specification
Ordering Information
Frequency*
Model*
Termination Variant*
Frequency Tolerance (@ 25°C)*
Frequency Stability (over operating temperature range)*
Operating Temperature Range*
Load Capacitance
(*minimum required)
Termination Variants:
SM1 = Gold Plated
SM4 = Solder Plated
SM5 = Solder Dipped
Example
20.0MHz CX4HT AT-C-SM1
±100ppm ±175ppm -55 to 200C FUND
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tray
Pack Style: Tray
Pack Size: 1
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Electrical Specification - maximum limiting values
Frequency
Min
Frequency
Max
Temperature Range
Stability
Min*
Overtone Order
ESR
°C
ppm
Ω
14.0MHz
250.0MHz
25 to 200
Fundamental
-
±200
25 to 225
-
±300
-55 to 150
-
±125
-55 to 175
-
±150
-55 to 200
-
±175
-55 to 225
-
±250
*Stability Maximum values ±300ppm
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 25 Apr 16 11:39 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com