Electronic Components Datasheet Search
  English  ▼

X  

ADP3522ACP-1.8 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP3522ACP-1.8
Description  GSM Power Management System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3522ACP-1.8 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP3522ACP-1.8 Datasheet HTML 12Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 13Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 14Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 15Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 16Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 17Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 18Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 19Page - Analog Devices ADP3522ACP-1.8 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
–18–
ADP3522
current is programmed by selecting the sense resistor, R1 (see
Figure 2).
The lithium ion charge current is calculated using
I
V
R
mV
R
CHR
SENSE
==
1
160
1
(5)
where VSENSE is the high current limit threshold voltage. Or if
the charge current is known, R1 can be found:
R
V
I
mV
I
SENSE
CHR
CHR
1
160
==
(6)
Similarly the trickle charge current and the end of charge cur-
rent can be calculated:
I
V
R
mV
R
TRICKLE
SENSE
==
1
20
1
(7)
I
V
R
mV
R
EOC
SENSE
==
1
14
1
(8)
Example: Assume an 800 mA-H capacity lithium ion battery
and a 1 C charge rate. R1 = 200 m . Then ITRICKLE = 100 mA
and IEOC = 70 mA.
Appropriate sense resistors are available from the following
vendors:
• Vishay Dale
• IRC
• Panasonic
Charger FET Selection
The type and size of the pass transistor is determined by the
threshold voltage, input-output voltage differential, and charge
current. The selected PMOS must satisfy the physical, electri-
cal, and thermal design requirements.
To ensure proper operation, the minimum VGS the ADP3522
can provide must be enough to turn on the FET. The available
gate drive voltage can be estimated using the following:
VV
V
V
GS
ADAPTER MIN
GATEDR
SENSE
=-
-
()
(9)
where
VADAPTER(MIN) is the minimum adapter voltage.
VGATEDR is the gate drive “low” voltage, 0.5 V.
VSENSE is the maximum high current limit threshold voltage.
The difference between the adapter voltage (VADAPTER) and the
final battery voltage (VBAT) must exceed the voltage drop due to
the blocking diode, the sense resistor, and the on resistance of
the FET at maximum charge current.
VV
V
V
V
DS
ADAPTER
DIODE
SENSE
BAT
=-
-
-
(10)
Then the RDS(ON) of the FET can be calculated:
R
V
I
DS ON
DS
CHR MAX
()
()
=
(11)
The thermal characteristics of the FET must be considered
next. The worst-case dissipation can be determined using:
PV
V
V
UVLO
I
DISS
ADAPTER MAX
DIODE
SENSE
CHR
=−
−
−×
()
(12)
It should be noted that the adapter voltage can be either
preregulated or nonregulated. In the preregulated case, the
difference between the maximum and minimum adapter voltage
is probably not significant. In the unregulated case, the adapter
voltage can have a wide range specified. However, the maxi-
mum voltage specified is usually with no load applied. So, the
worst-case power dissipation calculation will often lead to an
overspecified pass device. In either case, it is best to determine
the load characteristics of the adapter to optimize the charger
design.
For example:
VADAPTER(MIN) = 5.0 V
VADAPTER(MAX) = 6.5 V
VDIODE = 0.5 V at 800 mA
VGATEDR = 0.5 V
VSENSE = 160 mV
VGS = 5 V – 0.5 V – 0.160 V = 4.3 V. So choose a low
threshold voltage FET.
VV
V
V
V
VV
V
V
V
mV
DS
ADAPTER MIN
DIODE
SENSE
BAT
DS
=-
-
-
=-
-
-
=
()
..
.
50 50 160
42
140
(13)
R
V
I
mV
mA
m
DS ON
DS
CHR MAX
()
()
==
=
140
800
175
Ω
(14)
PV
V
V
UVLO
I
PV
V
V
V
AW
DISS
ADAPTER MAX
DIODE
SENSE
CHR
DISS
=−
−
−×
=−
−
−
×=
(
)
( ...
.
)
..
()
65
05
0160
32
08
21
(15)
Appropriate PMOS FETs are available from the following vendors:
• Siliconix
• IR
• Fairchild
Charger Diode Selection
The diode, D1, shown in Figure 2 is used to prevent the battery
from discharging through the PMOS’ body diode into the
charger’s internal bias circuits. A Schottky diode is recom-
mended to minimize the voltage difference from the charger to
the battery and the power dissipation. Choose a diode with a
current rating high enough to handle the battery charging cur-
rent and a voltage rating greater than VBAT. The blocking
diode is required for both lithium and nickel battery types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com