Electronic Components Datasheet Search
  English  ▼

X  

ADUC814 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUC814
Description  MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC814 Datasheet(HTML) 1 Page - Analog Devices

  ADUC814 Datasheet HTML 1Page - Analog Devices ADUC814 Datasheet HTML 2Page - Analog Devices ADUC814 Datasheet HTML 3Page - Analog Devices ADUC814 Datasheet HTML 4Page - Analog Devices ADUC814 Datasheet HTML 5Page - Analog Devices ADUC814 Datasheet HTML 6Page - Analog Devices ADUC814 Datasheet HTML 7Page - Analog Devices ADUC814 Datasheet HTML 8Page - Analog Devices ADUC814 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
MicroConverter®, Small Package
12-Bit ADC with Embedded Flash MCU
ADuC814
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
ANALOG I/O
6-channel 247 kSPS ADC
12-bit resolution
ADC high speed data capture mode
Programmable reference via on-chip DAC for low
level inputs, ADC performance specified to VREF = 1 V
Dual voltage output DACs
12-bit resolution, 15 µs settling time
Memory
8 kbytes on-chip Flash/EE program memory
640 bytes on-chip Flash/EE data memory
Flash/EE, 100 year retention, 100 kcycle endurance
3 levels of Flash/EE program memory security
In-circuit serial downlaod (no external hardware)
256 bytes on-chip data RAM
8051 based core
8051 compatible instruction set
32 kHz external crystal,
on-chip programmable PLL (16.78 MHz max)
Three 16-bit timer/counters
11 programmable I/O lines
11 interrupt sources, 2 priority levels
Power
Specified for 3 V and 5 V operation
Normal: 3 mA @ 3 V (core CLK = 2.1 MHz)
Power-down: 15 µA (32 kHz oscillator running)
On-chip peripherals
Power-on reset circuit (no need for external POR device)
Temperature monitor (±1.5°C accuracy)
Precision voltage reference
Time interval counter (wake-up/RTC timer)
UART serial I/O
SPI®/I2C® compatible serial I/O
Watchdog timer (WDT), power supply monitor (PSM)
Package and temperature range
28-lead TSSOP 4.4 mm × 9.7 mm package
Fully specified for −40°C to +125°C operation
APPLICATIONS
Optical networking—laser power control
Base station systems—power amplifier bias control
Precision instruments, smart sensors
Battery-powered systems, precision system monitors
FUNCTIONAL BLOCK DIAGRAM
ADuC814
PROG.
CLOCK
DIVIDER
XTAL2
XTAL1
T/H
AIN
MUX
TEMP
MONITOR
INTERNAL
BAND GAP
VREF
AIN0
VREF
CREF
AIN5
OSC
AND
PLL
DAC1
DAC0
BUF
BUF
DAC0
DAC1
DAC
CONTROL
LOGIC
12-BIT
ADC
ADC
CONTROL
LOGIC
BUF
POWER-
ON
RESET
8 KBYTES FLASH/EE PROGRAM MEMORY
640 BYTES FLASH/EE DATA MEMORY
256 BYTES USER RAM
3
× 16-BIT
TIMER/COUNTERS
1
× WAKE-UP/RTC
TIMER
10
× DIGITAL
I/O PINS
8051-BASED MCU WITH ADDITIONAL
PERIPHERALS
ON-CHIP MONITORS
POWER SUPPLY
MONITOR
WATCHDOG TIMER
UART AND SPI
SERIAL I/O
Figure 1.
GENERAL DESCRIPTION
The ADuC814 is a fully integrated 247 kSPS, 12-bit data acquisi-
tion system incorporating a high performance multichannel
ADC, an 8-bit MCU, and program/data Flash/EE memory on a
single chip.
This low power device operates from a 32 kHz crystal with an
on-chip PLL generating a high frequency clock of 16.78 MHz.
This clock is, in turn, routed through a programmable clock
divider from which the MCU core clock operating frequency is
generated.
The microcontroller core is an 8052 and is compatible with an
8051 instruction. 8 kBytes of nonvolatile Flash/EE program
memory are provided on-chip. 640 bytes of nonvolatile Flash/EE
data memory and 256 bytes RAM are also integrated on-chip.
The ADuC814 also incorporates additional analog functionality
with dual 12-bit DACs, a power supply monitor, and a band gap
reference. On-chip digital peripherals include a watchdog timer,
time interval counter, three timer/counters, and two serial I/O
ports (SPI and UART).
On-chip factory firmware supports in-circuit serial download
and debug modes (via UART), as well as single-pin emulation
mode via the DLOAD pin. The ADuC814 is supported by a
QuickStart™ Development System.
The part operates from a single 3 V or 5 V supply over the
extended temperature range −40°C to +125°C. When operating
from 3 V supplies, the power dissipation for the part is below
10 mW. The ADuC814 is housed in a 28-lead TSSOP package.


Similar Part No. - ADUC814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814 AD-ADUC814 Datasheet
279Kb / 16P
MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814 AD-ADUC814 Datasheet
852Kb / 72P
MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARU AD-ADUC814ARU Datasheet
279Kb / 16P
MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814ARU AD-ADUC814ARU Datasheet
852Kb / 72P
MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARU-REEL AD-ADUC814ARU-REEL Datasheet
852Kb / 72P
MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
More results

Similar Description - ADUC814

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV.0
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV.0
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
4/03-Data Sheet changed from REV. D to REV. E.
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC814ARUZ AD-ADUC814ARUZ Datasheet
852Kb / 72P
MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com