Electronic Components Datasheet Search
  English  ▼

X  

ML610Q418 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q418
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q418 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q418 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q418 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
FEDL610Q418-01
ML610Q418/ML610Q418C
21/38
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
(VSS = 0V)
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage 1
VDD
Ta = 25
°C
−0.3 to +4.6
V
Power supply voltage 2
AVDD
Ta = 25
°C
−0.3 to +4.6
V
Power supply voltage 3
VDDL
Ta = 25
°C
−0.3 to +3.6
V
Power supply voltage 4
VL1
Ta = 25
°C
−0.3 to +1.75
V
Power supply voltage 5
VL2
Ta = 25
°C
−0.3 to +3.5
V
Power supply voltage 6
VL3
Ta = 25
°C
−0.3 to +5.25
V
Input voltage
VIN
Ta = 25
°C
−0.3 to V
DD+0.3
V
Output voltage
VOUT
Ta = 25
°C
−0.3 to V
DD+0.3
V
Output current 1
IOUT1
Port3–5, Ta = 25
°C
−12 to +11
mA
Output current 2
IOUT2
Port2, Ta = 25
°C
−12 to +20
mA
Power dissipation
PD
Ta = 25
°C
0.9
W
Storage temperature
TSTG
−55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
(VSS = 0V)
Parameter
Symbol
Condition
Range
Unit
Operating temperature
TOP
―
-20 to +70
°C
Operating voltage
VDD
fOP = 30k to 625kHz
1.1 to 3.6
V
fOP = 30k to 4.2MHz
1.8 to 3.6
V
Operating frequency (CPU)
fOP
VDD = 1.1~3.6V
30k to 36k
Hz
VDD = 1.3~3.6V
30k to 625k
VDD = 1.8~3.6V
30k to 4.2M
Capacitor externally connected to
VDD pin
CV
More than 2.2±30%
µF
Capacitor externally connected to
VDDL pin
CL0
2.2±30%
µF
CL1
0.1±30%
Capacitors externally connected to
VL1, 2, 3 pins
Ca,b,c
0.1±30%
µF
Capacitors externally connected
across C1 and C2 pins
C12
0.47±30%
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com