Electronic Components Datasheet Search
  English  ▼

X  

ML620Q134 Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q134
Description  16-bit micro controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q134 Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q134 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML620Q134 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
FEDL620Q130-02
ML620Q131/2/3/4/5/6
13/33
Table 2 Pin Description (2/4)
Pin name
I/O
Description
Primary/
Secondary/
Tertiary/
Quartic
Logic
Synchronous serial (SSIO)
SIN
I
Synchronous serial data input pin.
This pin is used as the secondary function of the PA4 pin or the quartic function
of the PB4 pin.
Secondary/
Quartic
Positive
SCK0
I/O High-speed clock input pin.
This pin is used as the secondary function of the PA5 pin or the quartic function
of the PB5 pin.
Secondary/
Quartic
—
SOUT0
O
High-speed clock output pin.
This pin is used as the quartic function of the PA1 pin or the secondary function
of the PA6 pin.
Secondary/
Quartic
Positive
PWM
PWMC
O
PWMC output pin.
This pin is used as the secondary function of the PA0 and PB0 pins or the
quartic function of the PB7 pin.
Secondary/
Quartic
Positive/
negative
External interrupt
EXI0 to 2
I
External maskable interrupt input pins. Interrupt enable and edge selection
can be performed for each bit by software. This pin is used as the primary
function of the PA0 to PA2 pins.
Primary
Positive/
negative
EXI4,5
I
External maskable interrupt input pins. Interrupt enable and edge selection
can be performed for each bit by software. This pin is used as the primary
function of the PB0 and PB1 pins.
Primary
Positive/
negative
Timer
TnTG
I
External trigger input pin of the timer 0, timer 1, timer E, timer F, timer G, timer
H, timer I, timer J, timer K, or timer L.
This pin is used as the primary function of the PA0 to PA2 and PB0 to PB7
pins.
Primary
—
TMJOUT
O
Timer J output pin. This pin is used as the tertiary function of PB5.
Tertiary
Positive
TMFOUT
O
Timer F output pin. This pin is used as the tertiary function of PB6.
Tertiary
Positive
LED drive
LED0, 1
O
Pins for LED driving. Allocated to the primary function of the PA0 and PB7
pins.
Primary
Positive/
negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com