Electronic Components Datasheet Search
  English  ▼

X  

MBK32F Datasheet(PDF) 1 Page - Dc Components

Part # MBK32F
Description  RECTIFIER SPECIALISTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

MBK32F Datasheet(HTML) 1 Page - Dc Components

  MBK32F Datasheet HTML 1Page - Dc Components MBK32F Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
*High surge current capability
* Ideal for printed circuit board
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
* Case: Molded plastic
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Weight: 0.075 gram
Dimensions in inches and (millimeters)
MBK32F
THRU
MBK320F
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Volts
Volts
Amps
UNITS
Volts
MBK32F MBK34F MBK36F MBK38F MBK310F MBK315F MBK320F
20
40
60
80
100
150
200
14
28
42
56
70
105
140
20
40
60
80
100
150
200
30
Amps
DC Blocking Voltage per element
0.85
pF
Maximum DC Forward Voltage Drop per Bridge Element at 3.0A DC
Volts
0.2
Maximum Reverse Current at rated
3.0
Operating and Storage Temperature Range
-50 to + 150
Maximum Average Forward Output Current at TA=75
(Note 1)
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
@TA = 25
oC
@TA = 125
oC
Typical Junction Capacitance ( Note 2)
250
mAmps
60
0
C/W
Typical Thermal Resistance (Note 3)
0
C
www.dccomponents.com
1
NOTES: 1. Mounted on P.C. board with 4x(5x5mm ) copper pad.
2. Measured at 1.0 MHZ and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to ambient.
2
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
VOLTAGE RANGE - 20 to 200 Volts
CURRENT - 3.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
T J,TSTG
SYMBOL
VRRM
VDC
VRMS
IFSM
VF
IR
IO
CJ
R
θJA
40
0.55
0.70
0.95
0.3
0.1
10
MBF
.106(2.7)
.090(2.3)
SPACING
.275(7.0)MAX.
.043(1.1)
.020(0.5)
.067(1.7)
.057(1.3)
.106(2.7)
.090(2.3)
.165(4.2)
.142(3.6)
.012(0.3)
.004(0.1)
.031(0.8)
.019(0.5)
.063(1.6)
.047(1.2)
.008(.02)
.197(5.0)
.177(4.5)


Similar Part No. - MBK32F

ManufacturerPart #DatasheetDescription
logo
Dc Components
MBK32S DCCOM-MBK32S Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
More results

Similar Description - MBK32F

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com