Electronic Components Datasheet Search
  English  ▼

X  

HV833MG-G Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV833MG-G
Description  High Voltage EL Lamp Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV833MG-G Datasheet(HTML) 5 Page - Supertex, Inc

  HV833MG-G Datasheet HTML 1Page - Supertex, Inc HV833MG-G Datasheet HTML 2Page - Supertex, Inc HV833MG-G Datasheet HTML 3Page - Supertex, Inc HV833MG-G Datasheet HTML 4Page - Supertex, Inc HV833MG-G Datasheet HTML 5Page - Supertex, Inc HV833MG-G Datasheet HTML 6Page - Supertex, Inc HV833MG-G Datasheet HTML 7Page - Supertex, Inc HV833MG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Supertex inc.
www.supertex.com
Doc.# DSFP-HV833
A061813
HV833
Device
Lamp Size
V
IN
I
IN
V
CS
f
EL
Brightness
T
A
HV833MG
6.0in2
5.0V
30mA
70V
440Hz
6.0ft-Im
-25OC to + 85OC
Typical Performance
Fig. 2: Typical Application
+
_
0.01µF
100V
V
IN
L
X*
560µH
1N914
4.7µF
750k
Enable Signal
ON = V
DD
OFF = 0
EL Lamp
6.0in2
V
DD = 3.0V, VIN = 5.0V
1.0M
*L
X = 560µH Murata LQH43MN561K01
V
DD
1
2
3
4
8
7
6
5
VA
VB
CS
LX
VDD
RSW-Osc
REL-Osc
GND
HV833
Typical Performance Curves for Fig. 2 (EL Lamp = 6.0in2, V
DD = 3.0, VIN = 5.0V)
I
IN, VCS, Brightness vs. Inductor Value
90
80
70
60
50
40
30
20
10
0
100
200
300
400
500
600
700
800
900
1000
Inductor Value (H)
10
9
8
7
6
5
4
3
2
1
I
IN
V
CS
Brightness
V
CS vs. VIN
90
80
70
60
50
40
30
1.0
2.0
3.0
4.0
5.0
6.0
7.0
V
IN (V)
I
IN vs. VIN
25
20
15
10
5
V
IN (V)
Brightness vs. V
IN
10
8
6
4
2
0
V
IN (V)
I
IN vs. VCS
30
40
50
60
70
80
90
V
CS (V)
1.0
2.0
3.0
4.0
5.0
6.0
7.0
35
30
25
20
15
10
1.0
2.0
3.0
4.0
5.0
6.0
7.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com