Electronic Components Datasheet Search
  English  ▼

X  

HV833LG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV833LG-G
Description  High Voltage EL Lamp Driver IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV833LG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV833LG-G Datasheet HTML 1Page - Supertex, Inc HV833LG-G Datasheet HTML 2Page - Supertex, Inc HV833LG-G Datasheet HTML 3Page - Supertex, Inc HV833LG-G Datasheet HTML 4Page - Supertex, Inc HV833LG-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV825
C072913
HV825
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
0.5V to +2.5V
Operating Temperature Range
-25°C to +85°C
Storage Temperature Range
-65°C to +150°C
MSOP-8 Power Dissipation
300mW
SO-8 Power Dissipation
400mW
Sym
Parameter
Min
Typ
Max Units Conditions
Electrical Characteristics
DC Characteristics (Over recommended operating conditions unless otherwise specified - T
A = 25°C)
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
R
DS(ON)
On-resistance of switching transistor
-
-
15
Ω
I = 50mA
I
IN
V
DD supply current (including inductor current)
-
30
38
mA
V
DD= 1.5V. See test circuit
I
DDQ
Quiescent V
DD supply current
-
-
1.0
μA
R
SW-osc = GND
VCS
Output voltage on V
CS
52
56
62
V
V
DD = 1.5V. See test circuit
V
A-B
Differential output voltage across lamp
104
112
124
V
V
DD = 1.5V. See test circuit
f
EL
V
A-B output drive frequency
400
-
-
Hz
V
DD = 1.5V. See test circuit
f
SW
Switching transistor frequency
-
30
-
KHz
V
DD = 1.5V. See test circuit
D
Switching transistor duty cycle
-
88
-
%
---
Recommended Operating Conditions
V
DD
Supply voltage
1.0
-
1.6
V
---
C
L
Load Capacitance
0
6.0
-
nF
---
T
A
Operating temperature
-25
-
+85
O
C
---
Enable/Disable Table
V
IL
Low level input voltage to R
SW-osc resistor
0
-
0.2
V
V
DD = 1.0 - 1.6V
V
IH
High level input voltage to R
SW-osc resistor
V
DD-0.5
-
V
DD
V
V
DD = 1.0 - 1.6V
Pin Configuration
LX
CS
RSW-Osc
VDD
REL-Osc
VA
VB
GND
1
2
3
4
5
6
7
8
Product Marking
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
HV825
LLLL
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
H825
LLLL
YYWW
Top Marking
Bottom Marking
8-Lead SOIC
8-Lead MSOP
8-Lead SOIC / 8-Lead MSOP
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package
Packing
HV833LG-G
8-Lead SOIC
2500/Reel
HV833MG-G
8-Lead MSOP
2500/Reel
Typical Thermal Resistance
Package
θ
ja
8-Lead SOIC
101OC/W
8-Lead MSOP
216OC/W
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com