Electronic Components Datasheet Search
  English  ▼

X  

AS3843 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AS3843
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS3843 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AS3843 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS3843 Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
ASTEC Semiconductor
instabilities caused by the low amplitude of the
current sense ramp waveform. In such a case,
any noise on the waveform can be sufficient to
trip the comparator resulting in random and pre-
mature pulse termination. The addition of a small
amount of artificial ramp (slope compensation)
can eliminate such problems without drastically
affecting the overall performance of the system.
2.3 Circuit layout and other
considerations
The electronic noise generated by any switch-
mode power supply can cause severe stability
problems if the circuit is not layed-out (wired)
properly. A few simple layout practices will help to
minimize noise problems.
When building prototype breadboards, never use
plug-in protoboards or wire wrap construction.
For best results, do all breadboarding on double
sided PCB using ground plane techniques. Keep
all traces and lead lengths to a minimum. Avoid
large loops and keep the area enclosed within
any loops to a minimum. Use common point
grounding techniques and separate the power
ground traces from the signal ground traces.
Locate the control IC and circuitry away from
switching devices and magnetics. Also, the tim-
ing capacitorÕs ground connection must be right
at pin 5 as shown in Figure 15. These grounding
and wiring techniques are very important
because the resistance and inductance of the
traces are significant enough to generate noise
glitches which can disrupt the normal operation
of the IC.
Also, to provide a low impedance path for high
frequency noise, V
CC and VREF should be decou-
pled to IC ground with 0.1 µF capacitors. Addi-
tional decoupling in other sensitive areas may
also be necessary. It is very important to locate
the decoupling capacitors as close as possible to
the circuit being decoupled.
AS384x
Current Mode Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com