Electronic Components Datasheet Search
  English  ▼

X  

M38203 Datasheet(PDF) 93 Page - Mitsubishi Electric Semiconductor

Part # M38203
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38203 Datasheet(HTML) 93 Page - Mitsubishi Electric Semiconductor

Back Button M38203 Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M38203 Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M38203 Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M38203 Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M38203 Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M38203 Datasheet HTML 94Page - Mitsubishi Electric Semiconductor M38203 Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M38203 Datasheet HTML 96Page - Mitsubishi Electric Semiconductor M38203 Datasheet HTML 97Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 344 page
background image
2.1 I/O pins
APPLICATION
3820 GROUP USER’S MANUAL
2–7
2.1.2 Function pins
Each function pin except I/O ports is described below.
(1) Pins VCC and VSS
Power source input pins. In the high-speed mode, apply (
+ 2) V–5.5 V to the VCC pin.
In the middle-speed mode or the low-speed mode, apply 2.5 V–5.5 V to the VCC pin.
In all modes, apply 0 V to the VSS pin.
(2) Pins VL1, VL2 and VL3
Power source input pins for LCD. Apply 0
≤ VL1 ≤ VL2 ≤VL3 ≤ VCC of voltage to these pins.
(3) Pins XIN and XOUT
An input pin and an output pin for the main clock generating circuit.
(4) RESET pin
The 3820 group is reset internally by keeping the level of this pin at “L” for 2
µs or more. Reset state
is released by returning the level of this pin to “H”.
(5) Pins SEG0 to SEG15
Segment signal output pins for LCD.
(6) Pins COM0 to COM3
Common signal output pins for LCD.
When Ta = –40
°C to –20 °C, use the extended operating temperature version, and apply
3.0 V–5.5 V to the VCC pin.
f(XIN) MHz
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com