Electronic Components Datasheet Search
  English  ▼

X  

LPT101-M Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPT101-M
Description  Total Power: 80 - 130 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPT101-M Datasheet(HTML) 1 Page - Artesyn Technologies

  LPT101-M Datasheet HTML 1Page - Artesyn Technologies LPT101-M Datasheet HTML 2Page - Artesyn Technologies LPT101-M Datasheet HTML 3Page - Artesyn Technologies LPT101-M Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
LPT100-M Series
130 Watts
Total Power: 80 - 130 Watts
Input Voltage: 90 - 264 Vac
# of Outputs: Triple
SPECIAL FEATURES
ƒ
Medical and ITE safeties
ƒ
Active power factor correction
ƒ
2” x 4” footprint
ƒ
Less than 1U high
ƒ
EN61000-3-2 compliant
ƒ
Remote sense
ƒ
Power fail
ƒ
Adjustable main output
ƒ
Built-in Class B EMI filter
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
LPX100 enclosure kit available
ƒ
RoHS compliant
SAFETY
ƒ
TUV
60950, 60601-1
ƒ
UL
60950, 60601-1
ƒ
CSA
60950, 60601-1
ƒ
NEMKO
60950, 60601-1
ƒ
AUSTEL 60950, 60601-1
ƒ
CB
Certificate & report
ƒ
CE
Mark (LVD)
Electrical Specifications
Input
Input range
90 - 264 Vac; 127 - 300 Vdc
Frequency
47 - 63 Hz
Inrush current
50 A max., cold start @ 25 °C
Efficiency
82% typical at full load
EMI/RFI
FCC Class B conducted; CISPR22 Class B conducted;
EN55022 Class B conducted; VDE0878PT3 Class B conducted
Safety ground
leakage current
275 µA @ 50/60 Hz, 264 Vac input
Output
Maximum power
80 W for convection;
130 W with 200 LFM forced air
Adjustment range
All outputs adjustable: -20%, +10%, except for +24V output on
LPT104-M which will be -10%, +20% and 3.3 V output on the LPT101-
M +10%, -15%
Hold-up time
10 ms @ 130 W load, 120 Vac input
Overload protection
Short circuit protection on all outputs. Case overload
protected @ 110 - 160% above rating for V1 & V2, 150 - 250% for V3
Overvoltage protection
15 - 35% above nominal output
Logical Control
Power failure
Active LowTTL logic signal goes high 100 - 500 msec after main output;
it goes low at least 6 msec before loss of regulation
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote
sense connected. Reverse connection protected.
Data Sheet


Similar Part No. - LPT101-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT101-M EMERSON-NETWORKPOWER-LPT101-M Datasheet
371Kb / 3P
130 Watts Medical and ITE safeties
logo
Artesyn Technologies
LPT101-M ARTESYN-LPT101-M Datasheet
664Kb / 4P
EN61000-3-2 compliant
logo
Advanced Energy Industr...
LPT101-M ADVANCEDENERGY-LPT101-M Datasheet
535Kb / 6P
130 Watts
01 12.30
More results

Similar Description - LPT101-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
Total Power: 65 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
Total Power: 75 Watts
LPS102-M ARTESYN-LPS102-M Datasheet
678Kb / 3P
Total Power: 80 - 150 Watts
LPS61 ARTESYN-LPS61 Datasheet
585Kb / 3P
Total Power: 60 - 80 Watts
LPT62-M ARTESYN-LPT62-M Datasheet
839Kb / 3P
Total Power: 60 - 80 Watts
LPT61 ARTESYN-LPT61 Datasheet
745Kb / 3P
Total Power: 60 - 80 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com