Electronic Components Datasheet Search
  English  ▼

X  

LPT102-M Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPT102-M
Description  Total Power: 80 - 130 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPT102-M Datasheet(HTML) 2 Page - Artesyn Technologies

  LPT102-M Datasheet HTML 1Page - Artesyn Technologies LPT102-M Datasheet HTML 2Page - Artesyn Technologies LPT102-M Datasheet HTML 3Page - Artesyn Technologies LPT102-M Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LPT100-M Series Data Sheet
Environmental Specifications
Operating temperature
0 °C to 50 °C ambient derate each output as 2.5% per degree from 50 °C to 70 °C. -20 °C start up
Storage temperature
-40 °C to +85 °C
Electromagnetic susceptibility: Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity
Operating; non-condensing 10% to 90% RH, non-operating, non-condensing 10% - 95%
Vibration
IEC68-2-6 to the levels of IEC721-3-2
MTBF calculated
583,000 hours at full load and 25 °C ambient conditions. 230 Vac input, Bellcore
Mechanical Drawing
1
8
"
4 places mounting hole
max screw head
diameter 0.22"[5.6]
PIN 1 (LIVE)
PIN 3 (NEUTRAL)
SK1
SK3
DETAIL A
1
4
(-) REMOTE SENSE
SK2
GND
ADJUST POT'S
OUTPUT VOLTAGE
SK3
SEE DETAIL A
POWER FAIL
COMMON
(+) REMOTE SENSE
3.72 "
[94,6]
4
[101,6]
0.16
[4]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com