Electronic Components Datasheet Search
  English  ▼

X  

LPT61 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LPT61
Description  Total Power: 60 - 80 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPT61 Datasheet(HTML) 3 Page - Artesyn Technologies

  LPT61 Datasheet HTML 1Page - Artesyn Technologies LPT61 Datasheet HTML 2Page - Artesyn Technologies LPT61 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LPT60 Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
LPT60 Series-DS 22Mar2016
Mechanical Drawing
3.00"
(76.2)
2.55"
(64.8)
0.22"
(5.6)
0.22"
(5.6)
4.56"
(115.8)
5.00"
(127)
1.69"
(42.9)
0.12"
(3)
SK 1
SK 2
1
2
3
4
5
6
0.15" (4)
DIA (4 places)
GND
3
1
N
L
M1
M2
Remote Sense
Connector
_+
SK201
Voltage
Adj. Pot
Pin Assignments
Connector
LPT61
LPT62
LPT63
LPT64
LPT65
SK1-1
Line
Line
Line
Line
Line
SK1-3
Neutral
Neutral
Neutral
Neutral
Neutral
SK2-1
5V
+12V
+15V
+12V
+24V
SK2-2
3.3V
+5V
+5V
+5V
+5V
SK2-3
3.3V
+5V
+5V
+5V
+5V
SK2-4
Common Common Common Common Common
SK2-5
Common Common Common Common Common
SK2-6
+12V
-12V
-15V
-5V
+12V
SK201-1
+Sense
+Sense
+Sense
+Sense
+Sense
SK201-2
-Sense
-Sense
-Sense
-Sense
-Sense
Mating Connectors
AC Input
Molex 09-50-8031 (USA)
09-93-0300(UK)
PINS: 08-58-0111
DC Outputs
Molex 09-50-8061 (USA)
09-93-0600 (UK)
PINS: 08-52-0113
Remote Sense
Molex 22-01-2025
PINS: 08-52-0113
Astec Connector Kit #70-841-006, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02” (±0.5mm)
3. Mounting holes M1 and M2 should be grounded for EMI purposes.
4. Mounting hole M1 is safety ground connection.
5. Specifications are for convection rating at factory settings at 115
Vac input, 25 °C unless otherwise stated.
6. Warranty: 2 year
7. Weight: 0.75lbs/0.34kg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com